Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL1084-ADJF3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # PL1084-ADJF3
Description  5A Low Dropout Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL1084-ADJF3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  PL1084-ADJF3 Datasheet HTML 1Page - Cystech Electonics Corp. PL1084-ADJF3 Datasheet HTML 2Page - Cystech Electonics Corp. PL1084-ADJF3 Datasheet HTML 3Page - Cystech Electonics Corp. PL1084-ADJF3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C512F3
Issued Date : 2003.04.03
Revised Date :
Page No. : 2/4
PL1084F3
CYStek Product Specification
Ordering Information
Device
Output Voltage
PL1084-AdjF3
Adjustable
PL1084-1.5F3
1.5V
PL1084-2.5F3
2.5V
PL1084-2.85F3
2.85V
PL1084-3.0F3
3.0V
PL1084-3.3F3
3.3V
PL1084-3.5F3
3.5V
PL1084-5.0F3
5.0V
Absolute Maximum Ratings
VIN pin to ADJ/GND pin ……………………………………………………………………………………………….7V
Operating Junction Temperature Range ………………………………………………………………………0°C~ 125°C
Storage Temperature Range………………………………………………………………………………..- 65°C ~ 150°C
Thermal Resistance Junction to Case ……………………………………………………………………………… 3°C /W
Thermal Resistance Junction to Ambient (Assume no ambient airflow, no heatsink) …………………………… 60°C /W
Lead Temperature (Soldering) 10 sec. ……………………………………………………………………………….260°C
Electrical Characteristics (Vin=5V, Io=10mA,Tj=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF
Reference Voltage
Tj=25
°C
1.238 1.250 1.262
V
Vo
Output Voltage
PL1084-1.5
PL1084-2.5
PL1084-2.85
PL1084-3.0
PL1084-3.3
PL1084-3.5
PL1084-5.0
1.48
2.47
2.82
2.97
3.26
3.46
4.95
1.50
2.50
2.85
3.00
3.30
3.50
5.00
1.52
2.53
2.88
3.03
3.34
3.54
5.05
V
Adj: 2.65V
≤Vin≤7V
∆Vo
Line Regulation
Fix: Vout+1.4V
≤Vin≤7V
-
0.015
0.2
%
∆Vo
Load Regulation
10mA
≤Io≤5A
-
-
0.4
%
Is
Current Limit
Vin-Vout=3V
5.5
6.8
-
A
IAdj
Adjust Pin Current
2.65V
≤Vin≤7V
-
55
120
μ
A
∆IAdj
Adjust Pin Current
Change
2.65V
≤Vin≤7V, 0°C≤Tj≤125°C
-
0.2
5
μ
A
Ts
Temperature Stability
Io=0.5A, 0
°C≤Tj≤125°C
-
0.5
-
%
IL
Minimum Load Current
0
°C≤Tj≤125°C
-
5
10
mA
VN
RMS Output Noise(% of
Vout)
10Hz
≤f≤10KHz
-
0.003
-
%
RR
Ripple Rejection Ratio
Vin-Vout=3V, f=120Hz,
Cout=25μF
60
72
-
dB
VD
Dropout Voltage
∆Vout,∆VREF=1%,
10mA
≤Io≤5A
0
°C≤Tj≤125°C
-
1.2
1.3
V


Similar Part No. - PL1084-ADJF3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1084-ADJE3 CYSTEKEC-PL1084-ADJE3 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
More results

Similar Description - PL1084-ADJF3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
   5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXJ3 CYSTEKEC-PL1084-XXXJ3 Datasheet
267Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS1084CM ETC2-TS1084CM Datasheet
146Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXE3 CYSTEKEC-PL1084-XXXE3 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_09 Datasheet
278Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084A-XXXF3 CYSTEKEC-PL1084A-XXXF3 Datasheet
293Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084 Datasheet
140Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1084U HSMC-H1084U Datasheet
57Kb / 5P
   5A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com