Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL317E3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # PL317E3
Description  Three Terminal Adjustable Output Positive Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL317E3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  PL317E3 Datasheet HTML 1Page - Cystech Electonics Corp. PL317E3 Datasheet HTML 2Page - Cystech Electonics Corp. PL317E3 Datasheet HTML 3Page - Cystech Electonics Corp. PL317E3 Datasheet HTML 4Page - Cystech Electonics Corp. PL317E3 Datasheet HTML 5Page - Cystech Electonics Corp. PL317E3 Datasheet HTML 6Page - Cystech Electonics Corp. PL317E3 Datasheet HTML 7Page - Cystech Electonics Corp. PL317E3 Datasheet HTML 8Page - Cystech Electonics Corp. PL317E3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C513E3
Issued Date : 2003.04.09
Revised Date :
. .
Page No. : 1/9
PL317E3
CYStek Product Specification
Three Terminal Adjustable Output
Positive Voltage Regulators
PL317E3
The PL317E3 is an adjustable 3–terminal positive voltage regulator capable
of supplying in excess of 1.5 A over an output voltage range of 1.2 V to 37 V.
This voltage regulator is exceptionally easy to use and requires only two ex-
ternal resistors to set the output voltage. Further, it employs internal current
limiting, thermal shutdown and safe area compensation, making it essentially
blow–out proof.
The PL317E3 serves a wide variety of applications including local, on-card
regulation. This device can also be used to make a programmable output regu-
lator, or by connecting a fixed resistor between the adjustment and output, the
PL317E3 can be used as a precision current regulator.
● Output Current in Excess of 1.5 A
● Output Adjustable between 1.2 V and 37 V
● Internal Thermal Overload Protection
● Internal Short Circuit Current Limiting Constant with Temperature
● Output Transistor Safe–Area Compensation
● Floating Operation for High Voltage Applications
● Eliminates Stocking many Fixed Voltages
Standard Application
+
+
PL317
R1
R2
Cout
Cin
Vin
Vout
Maximum Ratings
Rating
Symbol
Value
Unit
Input-Output Voltage Differential
VI-VO
40
V
Power Dissipation
TA=25℃
Thermal Resistance, Junction-to-Ambient
Thermal Resistance, Junction-to-Case
PD
θJA
θJC
Internally Limited
65
5.0
W
/W
/W
Operating Junction Temperature Range
TJ
-40 to +125
Storage Temperature Range
Tstg
-65 to +150
TO-220AB
1.0µF
0.1µF
Cin is required if regulator is located an appreciate
distance from power supply filter.
**
Cout is not needed for stability, however, it does
improve transient response.
Vout=1.25(1+R2/R1)+IAdjR2
Since
IAdj is controlled to less than 100 µA, the
error associated with this term is negligible in
most applications.
IAdj


Similar Part No. - PL317E3

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL317-1R1Y1G120113 P-TEC-PL317-1R1Y1G120113 Datasheet
31Kb / 1P
   3mm LED Tri-Level Right Angle Holder
PL317-3G13 P-TEC-PL317-3G13 Datasheet
30Kb / 1P
   3mm LED Tri-Level Right Angle Holder
PL317-3R12 P-TEC-PL317-3R12 Datasheet
30Kb / 1P
   3mm LED Tri-Level Right Angle Holder
PL317-3Y01 P-TEC-PL317-3Y01 Datasheet
30Kb / 1P
   3mm LED Tri-Level Right Angle Holder
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
More results

Similar Description - PL317E3

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317 Datasheet
299Kb / 5P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317E3 CYSTEKEC-LM317E3 Datasheet
218Kb / 10P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017_15 Datasheet
382Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com