Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTN7002N3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTN7002N3
Description  N-CHANNEL MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN7002N3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTN7002N3 Datasheet HTML 1Page - Cystech Electonics Corp. MTN7002N3 Datasheet HTML 2Page - Cystech Electonics Corp. MTN7002N3 Datasheet HTML 3Page - Cystech Electonics Corp. MTN7002N3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C325N3
Issued Date : 2002.12.18
Revised Date : 2005.01.07
Page No. : 1/4
MTN7002N3
CYStek Product Specification
N-CHANNEL MOSFET
MTN7002N3
Description
•The MTN7002N3 is a N-channel enhancement-mode MOSFET.
•Pb-free package
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
BVDSS
60
V
Drain-Gate Voltage (RGS=1M
Ω)
BVDGR
60
V
Gate-Source Voltage
VGS
±40
V
Continuous Drain Current (Ta=25
°C)
ID
200
*1
mA
Continuous Drain Current (Ta=100
°C)
ID
115
*1
mA
Pulsed Drain Current (Ta=25
°C)
IDM
800
*2
mA
Total Power Dissipation (Ta=25
°C)
200
Total Power Dissipation (Tc=25
°C)
PD
500
mW
Operating Junction Temperature
Tj
-55~+150
°C
Storage Temperature
Tstg
-55~+150
°C
Thermal Resistance, Junction-to-Ambient
Rth,ja
625
°C/W
Thermal Resistance, Junction-to-Case
Rth,jc
250
°C/W
Lead Temperature, for 10 second Soldering
TL
240
°C
Note : *1. The power dissipation of the package may result in a continuous drain current
*2. Pulse Width
≤ 300µs, Duty cycle ≤2%
SOT-23
MTN7002N3
G:Gate
S:Source
D:Drain
D
G
S


Similar Part No. - MTN7002N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN7002CKN3 CYSTEKEC-MTN7002CKN3 Datasheet
416Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTN7002CKN3-0-T1-G CYSTEKEC-MTN7002CKN3-0-T1-G Datasheet
416Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTN7002KC3 CYSTEKEC-MTN7002KC3 Datasheet
290Kb / 7P
   N-Channel Logic Level Enhancement Mode MOSFET
MTN7002S3 CYSTEKEC-MTN7002S3 Datasheet
192Kb / 4P
   N-CHANNEL MOSFET
logo
VBsemi Electronics Co.,...
MTN7002S3 VBSEMI-MTN7002S3 Datasheet
1,012Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - MTN7002N3

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com