Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


Q-250 Datasheet(PDF) 1 Page - Total Power International

Part No. Q-250
Description  250W Quad Output Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOTAL-POWER [Total Power International]
Homepage  http://www.total-power.com
Logo 

   
 1 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDTIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
+5V
+12V
-12V
-5V
+5V
+15V
-15V
-5V
20A
7A
1A
1A
20A
5A
1A
1A
2~20A
0.5~7A
0.5~1A
0~1A
2~20A
0.5~5A
0.5~1A
0~1A
201W
195W
80mVp-p
120mVp-p
120mVp-p
50mVp-p
80mVp-p
150mVp-p
150mVp-p
50mVp-p
4.75~5.5V
4.75~5.5V
2.0%
+8,-10%
10%
6.0%
2.0%
10%
10%
6.0%
0.5%
1.0%
1.0%
1.0%
0.5%
1.0%
1.0%
1.0%
1.0%
6.0%
8.0%
2.0%
1.0%
8.0%
10%
2.0%
800ms,50ms,20msatfullload
90~132VAC/176~264VACSelectedbyswitch248~370VDC
47~63Hz
73%
74%
6A/115VAC3.5A/230VAC
COLDSTART 50A
<2mA /240VAC
105~150% ratedoutputpower
+5V:5.75~6.75V
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950 Approved
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
219.5Khrsmin.MIL-HDBK-217F(25
)
150*140*86mm(L*W*H)
1.5Kg;8pcs/12Kg/0.97CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
250WQuadOutputPowerSupply
Features :
Q - 2 5 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
Q-250B
Q-250C
ENVIRONMENT
PROTECTION
AC input range selected by switch
Protections:Short circuit/Over load/Over voltage
Forced air cooling by built-in DC fan
100% full load burn-in test
Fixed switching frequency at 75KHz
Low cost
High reliability
2 years warranty
TOTAL POWER INT'L




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S-250250W Single Output Switching Power Supply 1 2 Total Power International
Q-6060W Quad Output Switching Power Supply 1 2 Total Power International
NTE376Silicon NPN Transistor TV Power Supply Driver/Audio Output 1 2 NTE Electronics
LT1332Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory 1 2 3 4 5 MoreLinear Technology
MC34710Adjustable Dual Output Switching Power Supply 1 2 3 4 5 MoreMotorola, Inc
ADP3025High Efficiency Dual Output Power Supply Controller 1 2 3 4 5 MoreAnalog Devices
UPC3018LOW-SATURATION STABILIZED POWER SUPPLY WITH ON/OFF FUNCTION 1 A OUTPUT 1 2 3 4 5 MoreNEC
TPAC250PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC250P SERIES 1 2 Total Power International
L5994ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER 1 2 3 4 5 MoreSTMicroelectronics
ILC5062ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT 1 2 3 4 5 MoreImpala Linear Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl