Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78D05XJ3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # LM78D05XJ3
Description  Three Terminal Positive Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78D05XJ3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  LM78D05XJ3 Datasheet HTML 1Page - Cystech Electonics Corp. LM78D05XJ3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78D05XJ3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C511J3
Issued Date : 2003.03.25
Revised Date :2005.09.15
Page No. : 2/3
LM78D05XJ3
CYStek Product Specification
Electrical Characteristics VIN=10V,IOUT=500mA,TJ=25℃,CIN=0.33µF,COUT=0.1µF,
unless otherwise specified
Characteristics
Symbol Test Condition
Min
Typ
Max Unit
Output Voltage
LM78D05A
LM78D05B
Vo
4.85
4.75
5.0
5.0
5.15
5.25
V
Output Voltage
LM78D05A
LM78D05B
Vo
5.0mA≤IOUT≤1.0A,PD≤15W
4.85
4.75
5.0
5.0
5.15
5.25
V
Line Regulation
Δ
Vo
7V≤VIN≤25V
8V≤VIN≤25V
-
-
-
-
50
25
mV
Load Regulation
ΔVo 5.0mA≤IOUT≤1.5A
250mA≤IOUT≤750mA
-
-
-
-
100
50
mV
Quiescent Current
IQ
IOUT≤1.0A
-
-
8
mA
Quiescent Current Change
Δ
IQ
5.0mA≤IOUT≤1.5A
7V≤VIN≤25V
-
-
-
-
0.5
1.3
mA
Dropout Voltage
VD
IOUT=1.0A
-
2
-
V
Peak Output Current
IPK
1.7
-
-
A


Similar Part No. - LM78D05XJ3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78D05J3 CYSTEKEC-LM78D05J3 Datasheet
265Kb / 6P
   Three Terminal Positive Voltage Regulators
LM78D05L3 CYSTEKEC-LM78D05L3 Datasheet
222Kb / 5P
   Three Terminal Positive Voltage Regulators
More results

Similar Description - LM78D05XJ3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
   Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com