Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSAU212 Datasheet(PDF) 2 Page - Total Power International

Part # MSAU212
Description  1 Watts Ultra Miniature SMD DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSAU212 Datasheet(HTML) 2 Page - Total Power International

  MSAU212 Datasheet HTML 1Page - Total Power International MSAU212 Datasheet HTML 2Page - Total Power International MSAU212 Datasheet HTML 3Page - Total Power International MSAU212 Datasheet HTML 4Page - Total Power International MSAU212 Datasheet HTML 5Page - Total Power International MSAU212 Datasheet HTML 6Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MSAU200 Series
kHz
140
100
70
Switching Frequency
pF
100
40
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1000
60 Seconds
Rated Isolation Voltage
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specification
mW
450
---
Internal Power Dissipation
VDC
18
-0.7
12VDC Input Models
VDC
9
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit.
Max.
Min.
Parameter
Absolute Maximum Ratings
Exceeding these values can damage the module.These are not continuous operating ratings.
Internal Capacitor
Input Filter
A
0.3
---
---
All Models
Reverse Polarity Input Current
13.2
12
10.8
12V Input Models
VDC
5.5
5
4.5
5V Input Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
Specifications typical at Ta=+25],resistive load,nominal input voltage,rated output current unless otherwise noted.
80
5
103
{0.7
{33
{15
MSAU214
80
5
105
{0.8
{42
{12
MSAU213
76
8
109
{1
{55
{9
MSAU212
75
8
15
111
{2
{100
{5
12
(10.8 ~ 13.2)
MSAU211
79
7
251
{0.7
{33
{15
MSAU204
79
8
255
{0.8
{42
{12
MSAU203
76
10
260
{1
{55
{9
MSAU202
75
10
30
267
{2
{100
{5
5
(4.5 ~ 5.5)
MSAU201
Efficiency
% (Typ.)
Load
Regulation
% (Max.)
Input
Current
No Load
mA (Typ.)
Input
Current
Max. Load
mA (Typ.)
Output
Current
mA (Min.)
Output
Current
mA (Max.)
Output
Voltage
VDC
Input
voltage
VDC
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
---
Humidity
]
+125
---
-40
Storage Temperature
]
+85
---
-25
Operating Temperature
Unit
Max.
Typ.
Min.
Conditions
Parameter
Environmental Specifications
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-


Similar Part No. - MSAU212

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU212 MINMAX-MSAU212 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
MSAU212 MINMAX-MSAU212 Datasheet
268Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU212 TOTAL-POWER-MSAU212 Datasheet
409Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSAU212

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSAU100 TOTAL-POWER-MSAU100 Datasheet
184Kb / 6P
   MSAU100 SERIES 1 WATT ULTRA MINIATURE SMD DC/DC CONVERTERS SINGLE OUTPUT
logo
MicroPower Direct, LLC
I500RU MPD-I500RU Datasheet
165Kb / 2P
   4:1 Input, 5W Ultra-Miniature DC/DC Converters
MH600RU MPD-MH600RU Datasheet
417Kb / 2P
   Wide 4:1 Input Ultra-Miniature, 6W DC/DC Converters
I1500RW MPD-I1500RW Datasheet
213Kb / 2P
   Ultra-Miniature 15W Wide 2:1 Input Range DC/DC Converters
D200RU MPD-D200RU Datasheet
223Kb / 2P
   Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
I2000RW MPD-I2000RW Datasheet
230Kb / 2P
   Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
   Wide Input, 2W Ultra-Miniature DC/DC Converters
ACP100E MPD-ACP100E Datasheet
285Kb / 2P
   Low Cost, 1W Ultra-Miniature DC/DC Converters
MH300RW MPD-MH300RW Datasheet
403Kb / 2P
   Wide Input, 3W Ultra-Miniature DC/DC Converters
H100E MPD-H100E Datasheet
210Kb / 2P
   Low Cost, 1W, Ultra-Miniature DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com