Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAU112 Datasheet(PDF) 2 Page - Total Power International

Part # MAU112
Description  1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MAU112 Datasheet(HTML) 2 Page - Total Power International

  MAU112 Datasheet HTML 1Page - Total Power International MAU112 Datasheet HTML 2Page - Total Power International MAU112 Datasheet HTML 3Page - Total Power International MAU112 Datasheet HTML 4Page - Total Power International MAU112 Datasheet HTML 5Page - Total Power International MAU112 Datasheet HTML 6Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
80
5
85
{1
{34
{15
MAU156
80
5
85
{1
{42
{12
MAU155
72
8
93
{2
{100
{5
MAU154
79
5
85
1
67
15
MAU153
79
5
85
2
84
12
MAU152
72
8
11
93
4
200
5
15
(13.5 ~ 16.5)
MAU151
80
5
53
{0.7
{34
{15
MAU129
79
5
53
{0.8
{42
{12
MAU128
76
5
55
{1
{56
{9
MAU127
72
8
58
{2
{100
{5
MAU126
79
5
53
1
67
15
MAU125
78
5
54
1.5
84
12
MAU124
76
5
54
2
110
9
MAU123
71
8
59
4
200
5
MAU122
73
8
7
49
5
260
3.3
24
(21.6 ~ 26.4)
MAU121
81
5
105
{0.7
{34
{15
MAU119
81
5
104
{0.8
{42
{12
MAU118
79
5
106
{1
{56
{9
MAU117
74
8
113
{2
{100
{5
MAU116
80
5
104
1
67
15
MAU115
80
5
105
1.5
84
12
MAU114
78
5
106
2
110
9
MAU113
73
8
114
4
200
5
MAU112
74
8
12
96
5
260
3.3
12
(10.8 ~ 13.2)
MAU111
79
7
258
{0.7
{34
{15
MAU109
78
7
258
{0.8
{42
{12
MAU108
77
8
262
{1
{56
{9
MAU107
72
10
278
{2
{100
{5
MAU106
78
7
258
1
67
15
MAU105
78
7
258
1.5
84
12
MAU104
76
8
260
2
110
9
MAU103
71
10
281
4
200
5
MAU102
73
10
30
235
5
260
3.3
5
(4.5 ~ 5.5)
MAU101
% (Typ.)
% (Max.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Load
Regulation
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
Exceeding these values can damage the module.These are not
continuous operating ratings.
mW
450
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
30
-0.7
24VDC Input Models
VDC
18
-0.7
15VDC Input Models
VDC
18
-0.7
12VDC Input Models
VDC
9
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Note :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Ripple & Noise measurement bandwidth is 0-20 MHz.
3. These power converters require a minimum output
loading to maintain specified regulation.
4. Operation under no-load conditions will not damage
these devices; however they may not meet all listed
specifications.
5. All DC/DC converters should be externally fused at the
front end for protection.
6. Other input and output voltage may be available, please
contact factory.
7. Specifications subject to change without notice.
Absolute Maximum Ratings
MAU100 Series


Similar Part No. - MAU112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAU112 ETC-MAU112 Datasheet
69Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
Minmax Technology Co., ...
MAU112 MINMAX-MAU112 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU112 MINMAX-MAU112 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU112 MINMAX-MAU112 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Total Power Internation...
MAU112 TOTAL-POWER-MAU112 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
More results

Similar Description - MAU112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAU101 ETC-MAU101 Datasheet
69Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
Wall Industries,Inc.
KR WALL-KR Datasheet
96Kb / 3P
   Single and Dual Outputs 6 Watt DC/DC Converters
logo
Total Power Internation...
MAU200 TOTAL-POWER-MAU200 Datasheet
166Kb / 4P
   MAU200 Series 1 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com