Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW1046 Datasheet(PDF) 3 Page - Total Power International

Part # MKW1046
Description  10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW1046 Datasheet(HTML) 3 Page - Total Power International

  MKW1046 Datasheet HTML 1Page - Total Power International MKW1046 Datasheet HTML 2Page - Total Power International MKW1046 Datasheet HTML 3Page - Total Power International MKW1046 Datasheet HTML 4Page - Total Power International MKW1046 Datasheet HTML 5Page - Total Power International MKW1046 Datasheet HTML 6Page - Total Power International MKW1046 Datasheet HTML 7Page - Total Power International MKW1046 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
K Hours
---
---
700
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
340
300
260
Switching Frequency
pF
470
150
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1650
Flash Tested for 1 Seconds
Isolation Test Voltage
VDC
---
---
1500
60 Seconds
Isolation Voltage
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
{4
{2
---
Transient Response Deviation
uS
300
150
---
25% Load Step Change
Transient Recovery Time
%
---
---
120
Over Power Protection
mV rms.
15
---
---
Ripple & Noise (20MHz)
mV P-P
100
---
---
Over Line,Load & Temp
Ripple & Noise (20MHz)
mV P-P
75
50
---
Ripple & Noise (20MHz)
%
{0.5
{0.1
---
Io=10% to 100%
Load Regulation
%
{0.3
{0.1
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{0.5
---
Dual Output Balance Load
Output Voltage Balance
%
{1.0
{0.5
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
Pi Filter
Input Filter
mW
4500
3500
---
Short Circuit Input Power
A
2
---
---
All Models
Reverse Polarity Input Current
34
29
25
48V Input Models
17
15
13
24V Input Models
8.5
8
7
12V Input Models
Under Voltage Shortdown
36
33
30
48V Input Models
18
17
15
24V Input Models
VDC
9
8.5
8
12V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
Note: # For each output .
uF
470
470
470
2200
2200
2200
2200
2200
Maximum Capacitive Load
Unit
{15V #
{12V #
{5V #
24V
15V
12V
5V
3.3V
Models by Vout
Capacitive Load


Similar Part No. - MKW1046

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW1046 MINMAX-MKW1046 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW1046 MINMAX-MKW1046 Datasheet
287Kb / 4P
   DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
logo
Total Power Internation...
MKW1046 TOTAL-POWER-MKW1046 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
More results

Similar Description - MKW1046

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
MIW1300 TOTAL-POWER-MIW1300 Datasheet
488Kb / 7P
   3 Watts 3 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW4000 TOTAL-POWER-MIW4000 Datasheet
348Kb / 8P
   5-6 Watts 4 : 1 Wide Input Range DC/DC Converters Single and Dual Outputs
MPW1000 TOTAL-POWER-MPW1000 Datasheet
115Kb / 3P
   MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
   2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Wall Industries,Inc.
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com