Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIW1522 Datasheet(PDF) 7 Page - Total Power International

Part # MIW1522
Description  3 Watts 2 :1 Wide Input Range DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIW1522 Datasheet(HTML) 7 Page - Total Power International

  MIW1522 Datasheet HTML 1Page - Total Power International MIW1522 Datasheet HTML 2Page - Total Power International MIW1522 Datasheet HTML 3Page - Total Power International MIW1522 Datasheet HTML 4Page - Total Power International MIW1522 Datasheet HTML 5Page - Total Power International MIW1522 Datasheet HTML 6Page - Total Power International MIW1522 Datasheet HTML 7Page - Total Power International MIW1522 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Thermal Considerations
Many conditions affect the thermal performance of the
power module, such as orientation, airflow over the module
and board spacing. To avoid exceeding the maximum
temperature rating of the components inside the power
module, the case temperature must be kept below 90°C.
The derating curves are determined from measurements
obtained in an experimental apparatus.
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in
TOTAL POWER INT'L
MIW1500 Series


Similar Part No. - MIW1522

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1522 MINMAX-MIW1522 Datasheet
221Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results

Similar Description - MIW1522

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
   2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
MIW2000 TOTAL-POWER-MIW2000 Datasheet
274Kb / 8P
   3-4 Watts 4 :1 Wide Input Range DC/DC Converters
MKW5000 TOTAL-POWER-MKW5000 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
MKW2600 TOTAL-POWER-MKW2600 Datasheet
182Kb / 8P
   15 Watts 4:1 Wide Input Range DC/DC Converters
MIW1300 TOTAL-POWER-MIW1300 Datasheet
488Kb / 7P
   3 Watts 3 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MPW1000 TOTAL-POWER-MPW1000 Datasheet
115Kb / 3P
   MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com