Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAU119 Datasheet(PDF) 6 Page - Total Power International

Part # MAU119
Description  1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MAU119 Datasheet(HTML) 6 Page - Total Power International

  MAU119 Datasheet HTML 1Page - Total Power International MAU119 Datasheet HTML 2Page - Total Power International MAU119 Datasheet HTML 3Page - Total Power International MAU119 Datasheet HTML 4Page - Total Power International MAU119 Datasheet HTML 5Page - Total Power International MAU119 Datasheet HTML 6Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resistance and electrical
properties in high humidity environment and over a wide operating temperature range.
The encapsulant and outer shell of the unit have UL94V-0 ratings. The leads are tin plated for better soldering.
2.6g( 24V Input)
2.2g( 5 & 12V Input)
:
Weight
Non-Conductive Black Plastic
:
Case Material
+Vout
+Vout
6
0.77*0.28*0.4 inches
Common
No Pin
5
19.5*7.1*10.2 mm
:
Case Size
(24V Input)
-Vout
-Vout
4
-Vin
-Vin
2
0.77*0.24*0.4 inches
+Vin
+Vin
1
19.5*6.1*10.2 mm
:
Case Size
(5 & 12V Input)
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
.XXX{0.01
.XX{0.25
.XX{0.01
.X{0.25
Inches
Millimeters
Tolerance
Dual Output
Single Output
19.5 [0.77]
2.1 [0.08]
18.5 [0.73]
12
45
6
2.54 [0.100]
0.5 [0.020]
Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
Mechanical Data
MAU100 Series


Similar Part No. - MAU119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAU119 ETC-MAU119 Datasheet
69Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
Minmax Technology Co., ...
MAU119 MINMAX-MAU119 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU119 MINMAX-MAU119 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU119 MINMAX-MAU119 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Total Power Internation...
MAU119 TOTAL-POWER-MAU119 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
More results

Similar Description - MAU119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAU101 ETC-MAU101 Datasheet
69Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
Wall Industries,Inc.
KR WALL-KR Datasheet
96Kb / 3P
   Single and Dual Outputs 6 Watt DC/DC Converters
logo
Total Power Internation...
MAU200 TOTAL-POWER-MAU200 Datasheet
166Kb / 4P
   MAU200 Series 1 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com