Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HES12-120100-3 Datasheet(PDF) 2 Page - Total Power International

Part # HES12-120100-3
Description  UNIVERSAL OR U.S. INPUT RANGE AC TO DC EXTERNAL WALLMOUNT ADAPTERS SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES HES12 OR HES12B SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

HES12-120100-3 Datasheet(HTML) 2 Page - Total Power International

  HES12-120100-3 Datasheet HTML 1Page - Total Power International HES12-120100-3 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL NO. DESCRIPTION: HES12 or B - XXX YYY – S
04/22/2002
INPUT AC PLUG: HES12: [1]WM1, [3]WM3, [8]DT8
HES12B: WM1
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (Hitron External Switcher): About 12W.
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO.
AC INPUT
AC PLUG
O/P VOLTAGE
O/P CURRENT
FORMAT
HES12-033240-1,3,8
90-264Vac
WM1/WM3/DT8
3.3V
2.40A
Wallmount/Desktop
HES12B-033240
120Vac
WM1
3.3V
2.40A
Wallmount
HES12-050240-1,3,8
90-264Vac
WM1/WM3/DT8
5.0V
2.40A
Wallmount/Desktop
HES12B-050240
120Vac
WM1
5.0V
2.40A
Wallmount
HES12-060200-1,3,8
90-264Vac
WM1/WM3/DT8
6.0V
2.00A
Wallmount/Desktop
HES12B-060200
120Vac
WM1
6.0V
2.00A
Wallmount
HES12-065180-1,3,8
90-264Vac
WM1/WM3/DT8
6.5V
1.80A
Wallmount/Desktop
HES12B-065180
120Vac
WM1
6.5V
1.80A
Wallmount
HES12-075160-1,3,8
90-264Vac
WM1/WM3/DT8
7.5V
1.60A
Wallmount/Desktop
HES12B-075160
120Vac
WM1
7.5V
1.60A
Wallmount
HES12-090130-1,3,8
90-264Vac
WM1/WM3/DT8
9.0V
1.30A
Wallmount/Desktop
HES12B-090130
120Vac
WM1
9.0V
1.30A
Wallmount
HES12-120100-1,3,8
90-264Vac
WM1/WM3/DT8
12.0V
1.00A
Wallmount/Desktop t
HES12B-120100
120Vac
WM1
12.0V
1.00A
Wallmount
HES12-150080-1,3,8
90-264Vac
WM1/WM3/DT8
15.0V
0.80A
Wallmount/Desktop
HES12B-150080
120Vac
WM1
15.0V
0.80A
Wallmount
HES12-240050-1,3,8
90-264Vac
WM1/WM3/DT8
24.0V
0.50A
Wallmount/Desktop
HES12B-240050
120Vac
WM1
24.0V
0.50A
Wallmount
HES12-480025-1,3,8
90-264Vac
WM1/WM3/DT8
48.0V
0.25A
Wallmount/Desktop
HES12B-480025
120Vac
WM1
48.0V
0.25A
Wallmount
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 113g (4.0 Oz.)


Similar Part No. - HES12-120100-3

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES12-120100-3 HITRON-HES12-120100-3 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
More results

Similar Description - HES12-120100-3

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
HES10 HITRON-HES10 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HES16B HITRON-HES16B Datasheet
256Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER USA OR EUROPEAN INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPES10 TOTAL-POWER-TPES10 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
logo
HITRON ELECTRONICS CORP...
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
logo
Total Power Internation...
HES06B TOTAL-POWER-HES06B Datasheet
222Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTER 2-BLADE USA OR JAPAN AC PLUG SINGLE OUTPUT 6 WATTS SWITCHING POWER SUPPLIES HES06B SERIES
logo
HITRON ELECTRONICS CORP...
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com