Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIW1037 Datasheet(PDF) 1 Page - Total Power International

Part # MIW1037
Description  MIW1000 SERIES 2-3 WATT INPUT RANGE DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIW1037 Datasheet(HTML) 1 Page - Total Power International

  MIW1037 Datasheet HTML 1Page - Total Power International MIW1037 Datasheet HTML 2Page - Total Power International MIW1037 Datasheet HTML 3Page - Total Power International MIW1037 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Key Features
l SMT Technology
l 2:1 Input Range
l High Efficiency up to 84 %
l I / O Isolation 1500VDC
l Short Circuit Protected
l MTBF > 1,000,000 Hours
Mechanical Configuration
+Vo
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
+Vo
1.25 (31.8)
0.02 DIA
(0.5)
0.10
(2.54)
0.18
(4.6)
0.40
(10.2)
0.15 (3.8)
0.60
(15.2)
0.80
(20.3)
2
23
All dimensions typical in inches (mm). Tolerance= +/- 0.01 (+/- 0.25)
11
14
Bottom
Side
0.10 (2.54)
NC:No Connection.
+Input
+Input
22,23
Common
-Output
16
+Output
+Output
14
-Output
NC
11
Common
No Pin
9
-Input
-Input
2,3
Dual Output
Single Output
Pin
Pin Connections
12g
Weight
Non-Conductive Black Plastic
Case Material
31.8*20.3*10.2 mm
1.25*0.8*0.4 inches
Case Size
Physical Characteristics
TOTAL POWER INT'L
MIW1000 Series 2 ~ 3 Watt Wide Input Range DC/DC Converters
with
Single & Dual Output
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-


Similar Part No. - MIW1037

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1037 MINMAX-MIW1037 Datasheet
238Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1037 MINMAX-MIW1037 Datasheet
290Kb / 4P
   DC/DC CONVERTER 2-3W, DIP-24 Plastic Package
More results

Similar Description - MIW1037

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM700 ARTESYN-PM700 Datasheet
36Kb / 2P
   Single and dual output 3 Watt Nominal input DC/DC converters
logo
List of Unclassifed Man...
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
   3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
   3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3A-E CINCON-EC3A-E Datasheet
257Kb / 2P
   3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Artesyn Technologies
SHP5 ARTESYN-SHP5 Datasheet
42Kb / 3P
   Single and dual output 3 to 5 Watt Wide input DC/DC converters
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
logo
Artesyn Technologies
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
   Single and dual output 20 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com