Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA3X704A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA3X704A
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3X704A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA3X704A Datasheet HTML 1Page - Panasonic Semiconductor MA3X704A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Schottky Barrier Diodes (SBD)
MA6X718
Silicon epitaxial planar type
For switching circuits
For wave detection circuit
I Features
• Three MA3X704As in the same direction are contained in one
package
• Optimum for low-voltage rectification because of its low forward
rise voltage (VF)
• Optimum for high-frequency rectification because of its short re-
verse recovery time (trr)
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
30
V
Peak forward current*
IFM
150
mA
Forward current (DC)*
IF
30
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
4 : Anode 3
5 : Anode 2
6 : Anode 1
Mini Type Package (6-pin)
Internal Connection
Marking Symbol: M2N
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 30 V
1
µA
Forward voltage (DC)
VF1
IF = 1 mA
0.4
V
VF2
IF = 30 mA
1.0
V
Terminal capacitance
Ct
VR = 1 V, f = 1 MHz
1.5
pF
Reverse recovery time*
trr
IF = IR = 10 mA
1.0
ns
Irr = 1 mA, RL = 100 Ω
Detection efficiency
η
Vin = 3 V(peak), f = 30 MHz
65
%
RL = 3.9 k
Ω, C
L = 10 pF
I Electrical Characteristics T
a = 25°C
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a
human body and the leakage of current from the operating equipment
2. Rated input/output frequency: 2 000 MHz
3. * : trr measuring instrument
1 : Cathode 1
2 : Cathode 2
3 : Cathode 3
2.8
+ 0.2
− 0.3
1.5
+ 0.25
− 0.05
0.65
± 0.15
0.65
± 0.15
1
6
5
4
3
2
0.4
± 0.2
0.1 to 0.3
6
5
4
1
2
3
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
I
R = 10 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 1 mA
t
r
t
p
t
rr
V
R
I
F
t
t
A
Note) * : Value in per diode


Similar Part No. - MA3X704A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3X704A PANASONIC-MA3X704A Datasheet
49Kb / 2P
   Silicon epitaxial planar type
More results

Similar Description - MA3X704A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com