Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HES12-090130-3 Datasheet(PDF) 1 Page - Total Power International

Part # HES12-090130-3
Description  UNIVERSAL OR U.S. INPUT RANGE AC TO DC EXTERNAL WALLMOUNT ADAPTERS SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES HES12 OR HES12B SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

HES12-090130-3 Datasheet(HTML) 1 Page - Total Power International

  HES12-090130-3 Datasheet HTML 1Page - Total Power International HES12-090130-3 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H HiTRON
04/22/2002
UNIVERSAL OR U.S. INPUT RANGE AC TO DC EXTERNAL
WALLMOUNT ADAPTERS SINGLE OUTPUT 12 WATTS
SWITCHING POWER SUPPLIES HES12 OR HES12B SERIES
FEATURES:
LOW COST WALLMOUNT ADAPTER
DIVERSE AC PLUGS AVAILABLE
MEET DIVERSE SAFETY STANDARDS
EMI MEET EN 55022 OR FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typ. 80.5%.
Switching Frequency: Typ. 56-76K Hz.@ full load.
Circuit Topology: Free-running flyback circuit.
Transient Response: Output voltage returns typ. 1mS
following a 25% load change.
Safety Standard: UL1950/EN60950.Class II.
Power Density: 2.3 Watts. / Cubic Inch.
Operating Temperature: 0 to +40°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04% /°C.
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Wallmount or Desktop format.
Notes: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 230Vac or 120Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (±%).
(3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m) cord AWG#18 wires.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: HES12 typ. 90-264Vac, rating 100-240Vac.
HES12B typ. 90-132Vac, rating 120Vac.
Input Connector:
HES12: WM1 (U.S.2-blade)/WM3 (Euro-stecker)/
DT8(IEC320-2P).
HES12B: WM1 (U.S.2-blade).
Input Frequency: 47-63Hz.
Inrush Current:
HES12: Typ. 28A @ 230Vac by adding thermister.
HES12B: Typ. 22.5A @ 115Vac.
Input Current: HES12 Typ. 0.15A @ 230Vac.
HES12B Typ. 0.24A @ 115Vac.
Dielectric Withstand: Meet IEC950.
EMI: Meet EN 55022 or FCC Class B.
Hold-up Time: Typ. 13.2mS@115Vac/42.0mS@230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 12 Watts.
Output Connector: Optional.
Line Regulation: Typ. 0.1%.
Load Regulation: Typ. ±2-3%.
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in. By Zener diode clamping.
Adjustability: Factory set.
Overload Protection (OLP): Fully protected against output
overload or short circuit.
Typ. 120-150% max. load.
Consult the factory for special OLP setting


Similar Part No. - HES12-090130-3

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES12-090130-3 HITRON-HES12-090130-3 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
More results

Similar Description - HES12-090130-3

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
HES10 HITRON-HES10 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HES16B HITRON-HES16B Datasheet
256Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER USA OR EUROPEAN INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPES10 TOTAL-POWER-TPES10 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
logo
HITRON ELECTRONICS CORP...
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
logo
Total Power Internation...
HES06B TOTAL-POWER-HES06B Datasheet
222Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTER 2-BLADE USA OR JAPAN AC PLUG SINGLE OUTPUT 6 WATTS SWITCHING POWER SUPPLIES HES06B SERIES
logo
HITRON ELECTRONICS CORP...
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com