Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5250B Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # ZD5250B
Description  Zener Diode Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5250B Datasheet(HTML) 7 Page - Cystech Electonics Corp.

Back Button ZD5250B Datasheet HTML 3Page - Cystech Electonics Corp. ZD5250B Datasheet HTML 4Page - Cystech Electonics Corp. ZD5250B Datasheet HTML 5Page - Cystech Electonics Corp. ZD5250B Datasheet HTML 6Page - Cystech Electonics Corp. ZD5250B Datasheet HTML 7Page - Cystech Electonics Corp. ZD5250B Datasheet HTML 8Page - Cystech Electonics Corp. ZD5250B Datasheet HTML 9Page - Cystech Electonics Corp. ZD5250B Datasheet HTML 10Page - Cystech Electonics Corp. ZD5250B Datasheet HTML 11Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C326S2
Issued Date : 2003.06.30
Revised Date :
Page No. : 7/13
ZD52XXBS2 series
CYStek Product Specification
ZD5237B Forward Current vs Forward Voltage
0
50
100
150
200
250
300
0
200
400
600
800
1000
Forward Voltage (mV)
ZD5237B Reverse Current vs Reverse Voltage
0
50
100
150
200
250
300
4000
5000
6000
7000
8000
9000
Reverse Voltage (mV)
ZD5239B Forward Current vs Forward Voltage
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
Forward Voltage (mV)
ZD5239B Reverse Current vs Reverse Voltage
0
20
40
60
80
100
4000
5000
6000
7000
8000
9000
10000
Reverse Voltage (mV)
ZD5240B Forward Current vs Forward Voltage
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
Forward Voltage (mV)
ZD5240B Reverse Current vs Reverse Voltage
0
20
40
60
80
100
5000
6000
7000
8000
9000
10000
Reverse Voltage (mV)


Similar Part No. - ZD5250B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5250B CYSTEKEC-ZD5250B Datasheet
169Kb / 12P
   Zener Diode Series
ZD5250B CYSTEKEC-ZD5250B Datasheet
203Kb / 13P
   Zener Diode Series
ZD5250B CYSTEKEC-ZD5250B Datasheet
164Kb / 4P
   Zener Diode Series
ZD5250B CYSTEKEC-ZD5250B Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5250B CYSTEKEC-ZD5250B Datasheet
445Kb / 7P
   500mW Zener Diode Series
More results

Similar Description - ZD5250B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD52XXBSG CYSTEKEC-ZD52XXBSG Datasheet
203Kb / 13P
   Zener Diode Series
ZD5221AN3 CYSTEKEC-ZD5221AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5228AN3 CYSTEKEC-ZD5228AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227AN3 CYSTEKEC-ZD5227AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5226AN3 CYSTEKEC-ZD5226AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD52XXBSF CYSTEKEC-ZD52XXBSF Datasheet
177Kb / 5P
   Zener Diode Series
ZD52XXBSH CYSTEKEC-ZD52XXBSH Datasheet
164Kb / 4P
   Zener Diode Series
ZD5221BN3 CYSTEKEC-ZD5221BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5227BN3 CYSTEKEC-ZD5227BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223BN3 CYSTEKEC-ZD5223BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223AN3 CYSTEKEC-ZD5223AN3 Datasheet
340Kb / 14P
   Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com