Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSU393-Q050MII Datasheet(PDF) 1 Page - Total Power International

Part # HSU393-Q050MII
Description  DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HSU393 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

HSU393-Q050MII Datasheet(HTML) 1 Page - Total Power International

  HSU393-Q050MII Datasheet HTML 1Page - Total Power International HSU393-Q050MII Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE
& EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT
SWITCHING MODE POWER SUPPLIES HSU393 SERIES
FEATURES:
DUAL INPUT RANGE USER SELECTABLE
19" COMPATIBLE EUROCARD FORMAT
DUAL CONVERTER ARCHITECTURE FOR
HEPTAD OUTPUT
MEET THE SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS A
CE MARKING COMPLIANCE
6U X 12HP X 280MM DOUBLE EUROCARD
FOR EXTENDED MULTIbus
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 115Vac/230Vac dual selectable.
Input Connector: DIN 41612 at rear or IEC320
AC receptacle for HSU393-J.
Input Frequency: 47-63Hz
Inrush Current: Typ. 40A @230Vac.
Input Current: Typ. 6.0A@115Vac/2.5A@230Vac.
Dielectric Withstand: Meet IEC950.
EMI: Meet CISPR PUB. 22 & FCC Class A.
Power Fail Signal: Installed.
Remote (Logic) Inhibit: Available.
Hold-up Time: Typ. 6-8mS @115Vac/10-12mS@230Vac.
Earth leakage: Typ. 0.3mA @230Vac.
Overload Protection (OLP): Fully protected against
output overload and short circuit.
Consult the factory for OLP setting.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 400 Watts continuous.
Output Connection: DIN 41612 at rear.
Line Regulation: Typ. 0.1%.
Load Regulation:
HSU393-Q:
Main VO1 typ. ±1-2.0%
Aux. VO2 typ. ±2.0%(MA)
Aux. VO3 typ. ±2.0%(MA)
Aux. VO4 typ. ±3.0%(PR)
HSU393-J
Main VO1 typ. ±1-2.0%.
Aux. VO2 typ. ±2.0%(MA)
Main VO3 typ. ±1-2.0%.
Aux. VO4 typ. ±2.0%(MA)
Aux. VO5 typ. ±2.0%(MA)
Aux. VO6 typ. ±3.0%(PR)
Aux. VO7 typ. ±3.0%(PR)
Noise & Ripple: Typ.1% peak to peak.
OVP: Built-in at main VO1 (latch).
Adjustability: Available at main output VO1 and
Aux. output VO2 (Mag. Amp.).
Remote Sense: Installed at main VO1.
Output LED Indicator: Installed.
GENERAL SPECIFICATION
Efficiency: Typ. 74-77.0%.
Switching Frequency: Typ. 65-70K Hz.
Circuit Topology: Forward circuit.
Transient Response: Typ. 3mS following a 25%
load change.
Safety Standard: IEC950/UL1950 Class I.
Power Density: 1.46 Watt / Cubic Inch.
Operating Temperature: 0 to +50°C at full load. Derates
linearly to +70°C at half load.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04%/°C.
Cooling: Forced air flow is recommended for Ta > +50°C
full load operation.
Construction format: 12HP(TE)x6Ux280mm.
19” compatible double Eurocard & extended
MULTIbus format.
Note: All measurements are at nominal input, full load, and +25°C unless otherwise specified.
TOTAL POWER INT'L


Similar Part No. - HSU393-Q050MII

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HSU393-Q050MII HITRON-HSU393-Q050MII Datasheet
584Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com