Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM55C2V4 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # ZMM55C2V4
Description  Surface Mount Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZMM55C2V4 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  ZMM55C2V4 Datasheet HTML 1Page - Cystech Electonics Corp. ZMM55C2V4 Datasheet HTML 2Page - Cystech Electonics Corp. ZMM55C2V4 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C326SM
Issued Date : 2003.07.31
Revised Date :
Page No. : 3/3
ZMM55CXXSM series
CYStek Product Specification
Mini- Melf (SOD-80C) Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0512
0.0591
1.30
1.50
C
0.0118
0.0197
0.30
0.50
B
0.0118
0.0197
0.30
0.50
D
0.1260
0.1417
3.2
3.6
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
A
B
C
D
Cathode Mark
LL-34
Mini-Melf
SOD-80C
CYStek package code:SM


Similar Part No. - ZMM55C2V4

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ZMM55C2V4 WEITRON-ZMM55C2V4 Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
ZMM55C2V4 SECOS-ZMM55C2V4 Datasheet
376Kb / 2P
   Surface Mount Zener Dio de
logo
Shanghai Shunye Electro...
ZMM55C2V4 SY-ZMM55C2V4 Datasheet
316Kb / 3P
   ZENER DIODES
logo
Yangzhou yangjie electr...
ZMM55C2V4 YANGJIE-ZMM55C2V4 Datasheet
191Kb / 5P
   Zener Diodes
logo
Diotech Company.
ZMM55C2V4 DIOTECH-ZMM55C2V4 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM55C2V4

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
1SMB5913BG SKTECHNOLGY-1SMB5913BG Datasheet
364Kb / 4P
   Surface Mount Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
MM8Z2V0B LUGUANG-MM8Z2V0B Datasheet
1Mb / 4P
   Surface Mount Zener Voltage Regulators
Revision:20170701-P1
MM8Z2V0C LUGUANG-MM8Z2V0C Datasheet
923Kb / 4P
   Surface Mount Zener Voltage Regulators
Revision:20170701-P1
logo
SeCoS Halbleitertechnol...
MM8Z-C SECOS-MM8Z-C Datasheet
301Kb / 3P
   200mW Surface Mount Zener Voltage Regulators.
logo
ON Semiconductor
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com