Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD52XXBS2 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # ZD52XXBS2
Description  Zener Diode Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD52XXBS2 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  ZD52XXBS2 Datasheet HTML 1Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 2Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 3Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 4Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 5Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 6Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 7Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 8Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C326S2
Issued Date : 2003.06.30
Revised Date :
Page No. : 1/13
ZD52XXBS2 series
CYStek Product Specification
Zener Diode Series
ZD52XXBS2
Description
The ZD52XXBS2 series covers zener voltage range from 2.4V to 33V, and is encapsulated in SOD-323 package,
very suitable for low cost, low power voltage regulation application.
Mechanical Data
• Case: Molded Plastic, JEDEC SOD-323.
• Terminals: Solder plated, solderable per MIL-STD-750 Method 2026
• Polarity: Indicated by cathode band.
• Mounting Position : Any.
• Weight: 0.0045 gram, 0.000159 ounce
Symbol
Outline
Absolute Maximum Ratings(Ta=25℃, unless otherwise specified)
• Maximum Temperatures
Storage Temperature
Tstg ................................................................................................... -55~+150
°C
Junction Temperature Tj ............................................................................................................. +150
°C
• Maximum Power Dissipation
Total Power Dissipation
Ptot (Note)........................................................................................... 200 mW
Derate above 25℃ ……………………………………………………………………….. 1.57mW/℃
• Thermal Resistance, Junction to Ambient Air RθJA……………………………………….…….625℃/W
Note : Parts mounted on FR-5 board with minimum pad.
SOD-323


Similar Part No. - ZD52XXBS2

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD52XXBSF CYSTEKEC-ZD52XXBSF Datasheet
177Kb / 5P
   Zener Diode Series
ZD52XXBSG CYSTEKEC-ZD52XXBSG Datasheet
203Kb / 13P
   Zener Diode Series
ZD52XXBSH CYSTEKEC-ZD52XXBSH Datasheet
164Kb / 4P
   Zener Diode Series
ZD52XXBSH-0-T1-G CYSTEKEC-ZD52XXBSH-0-T1-G Datasheet
445Kb / 7P
   500mW Zener Diode Series
ZD52XXBSH CYSTEKEC-ZD52XXBSH_17 Datasheet
445Kb / 7P
   500mW Zener Diode Series
More results

Similar Description - ZD52XXBS2

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD52XXBSG CYSTEKEC-ZD52XXBSG Datasheet
203Kb / 13P
   Zener Diode Series
ZD5221AN3 CYSTEKEC-ZD5221AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5228AN3 CYSTEKEC-ZD5228AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227AN3 CYSTEKEC-ZD5227AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5226AN3 CYSTEKEC-ZD5226AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD52XXBSF CYSTEKEC-ZD52XXBSF Datasheet
177Kb / 5P
   Zener Diode Series
ZD52XXBSH CYSTEKEC-ZD52XXBSH Datasheet
164Kb / 4P
   Zener Diode Series
ZD5221BN3 CYSTEKEC-ZD5221BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5227BN3 CYSTEKEC-ZD5227BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223BN3 CYSTEKEC-ZD5223BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223AN3 CYSTEKEC-ZD5223AN3 Datasheet
340Kb / 14P
   Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com