Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT4123ACDA Datasheet(PDF) 1 Page - Gennum Corporation

Part # GT4123ACDA
Description  Two Channel Video Multipliers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GT4123ACDA Datasheet(HTML) 1 Page - Gennum Corporation

  GT4123ACDA Datasheet HTML 1Page - Gennum Corporation GT4123ACDA Datasheet HTML 2Page - Gennum Corporation GT4123ACDA Datasheet HTML 3Page - Gennum Corporation GT4123ACDA Datasheet HTML 4Page - Gennum Corporation GT4123ACDA Datasheet HTML 5Page - Gennum Corporation GT4123ACDA Datasheet HTML 6Page - Gennum Corporation GT4123ACDA Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document No. 520 - 38 - 3
GT4123, GT4123A
Two Channel Video Multipliers
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3
tel. (905) 632-2996 fax: (905) 632-5946
Japan Branch: A-302, M i yamae Vi l l age, 2–10–42 M i yamae, Suginami–ku Tokyo 168, Japan
tel. (03) 3334-7700
fax (03) 3247-8839
DATA SHEET
DESCRIPTION
The GT4123 and GT4123A are monolithic dual-channel
video multipliers for use in a wide range of applications
including broadcast and multimedia.
Featuring two wideband video inputs and a single control
input, they achieve high quality video mixing of the two
video input signals to a single output by implementing the
function:
V
O
= [ ( V
C
• V
A
) + (1 - V
C
) • V
B
]
where V
C
is the control input voltage, which may be varied
continuously over the range 0 to 1V with respect to the
ground pin, and V
A
and V
B
are the video input signals.
The GT4123 operates with typical power supply voltages
of
±10 volts and draws 15 mA of current. The GT4123A
typically operates from +12 and -5 volt supplies. Both are
available in 8 pin PDIP and 8 pin SOIC.
An Application Note entitled "Using the GT4123 and GT4123A
Video MIxer ICs" (Document No. 520 - 61) is available from
Gennum Corporation.
FEATURES
• two-quadrant video multiplication
• 20 MHz 0.1 dB video & control channel bandwidth
• one external frequency compensation adjustment
• ultra low differential gain & differential phase
• convenient 8 pin package
APPLICATIONS
• Multimedia Graphics Overlay
• Production switchers
• Linear Keyers
V
cc
VIDEO IN A
VIDEO IN B
OUTPUT
FREQ. COMP
CONTROL
GROUND
8 PIN DIP
V
EE
4
5
8
PIN 1
TOP VIEW
PIN CONNECTIONS
Part Number
Package Type
Temperature Range
GT4123 - CDA
8 pin PDIP
0o to 70o C
GT4123 - CKA
8 pin SOIC
0o to 70o C
GT4123ACDA
8 pin PDIP
0o to 70o C
GT4123ACKA
8 pin SOIC
0o to 70o C
ORDERING INFORMATION
VIDEO IN A
OUTPUT
VREF (0.5V)
(INTERNAL)
FREQ
COMP
VIDEO IN B
CONTROL
MULTIPLIER
CORE
FUNCTIONAL BLOCK DIAGRAM
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION
Revision Date: January 1994.


Similar Part No. - GT4123ACDA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCDA GENNUM-GT4123BCDA Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCKA GENNUM-GT4123BCKA Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCKAE3 GENNUM-GT4123BCKAE3 Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCTA GENNUM-GT4123BCTA Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
More results

Similar Description - GT4123ACDA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
logo
Sanyo Semicon Device
LA7471M SANYO-LA7471M Datasheet
198Kb / 9P
   Two-Channel Video camera microphone amplifier
logo
Spectrum Microwave, Inc...
X15 SPECTRUM-X15 Datasheet
235Kb / 1P
   Frequency Multipliers
X48 SPECTRUM-X48 Datasheet
190Kb / 1P
   Frequency Multipliers
logo
Analog Devices
AD530 AD-AD530_15 Datasheet
2Mb / 6P
   MULTIPLIERS DIVIDERS
AD531 AD-AD531_15 Datasheet
2Mb / 6P
   MULTIPLIERS DIVIDERS
logo
Spectrum Microwave, Inc...
X4-X8 SPECTRUM-X4-X8 Datasheet
180Kb / 1P
   Frequency Multipliers
logo
Maxim Integrated Produc...
MAX463 MAXIM-MAX463 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
logo
Electronic devices inc.
NVM-4X EDI-NVM-4X Datasheet
73Kb / 1P
   NIGHT VISION MULTIPLIERS
logo
Texas Instruments
SN54167 TI-SN54167 Datasheet
296Kb / 8P
[Old version datasheet]   SYNCHRONOUS DECADE RATE MULTIPLIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com