Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT4123A Datasheet(PDF) 4 Page - Gennum Corporation

Part # GT4123A
Description  Two Channel Video Multipliers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GT4123A Datasheet(HTML) 4 Page - Gennum Corporation

  GT4123A Datasheet HTML 1Page - Gennum Corporation GT4123A Datasheet HTML 2Page - Gennum Corporation GT4123A Datasheet HTML 3Page - Gennum Corporation GT4123A Datasheet HTML 4Page - Gennum Corporation GT4123A Datasheet HTML 5Page - Gennum Corporation GT4123A Datasheet HTML 6Page - Gennum Corporation GT4123A Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
520 - 38 - 3
DETAILED DESCRIPTION
The GT4123 and GT4123A are the first dedicated single
device, two input video mixer ICs available to the professional
video and multimedia markets.
The internal topology of the devices is shown in Figure 1.
Fig. 1
Functional Block Diagram of the GT4123 and GT4123A
Each input signal is applied to a conventional differential
amplifier (AMP A and AMP B). From the amplifiers, the signals
are applied to analog multiplier circuits (XA and XB) whose
outputs are the product of the input signals and internally
generated controlling voltages V
CA
and V
CB
.
These voltages are derived from a unity gain differential
amplifier (AMP C) whose outputs (true and invert) are the
difference between an externally applied CONTROL voltage
(V
C) and an internal 0.5 volt reference voltage. In addition, the
internal DC offset of 0.5 volts is applied to the controlling
voltage summing circuits
Σ2 and Σ3.
Therefore,
V
CA
= 0.5V + (VC - 0.5V) and
V
CB
= 0.5V - (VC - 0.5V)
When the CONTROL input (V
C
) equals 0.5 volts, V
CA
and
V
CB
= 0.5 volts and exactly 50% of each input signal passes
to the output of the multiplier stages.
When V
C
is less than 0.5 volts, V
CA
reduces and V
CB
increases
in proportion so that less of the Channel A signal and more of
the Channel B signal is transferred. Similarly, when V
C
is
greater than 0.5 volts, the opposite occurs.
The SPAN or control range is internally set so that a CONTROL
voltage of 0 volts completely cuts off Channel A and fully turns
on Channel B. Similarly, a CONTROL voltage of 1 volt will fully
turn on Channel A and completely turn Channel B off.
Figure 10 shows the CONTROL transfer characteristics of the
GT4123 and GT4123A.
There is a small ‘dead band’ at either extreme of the CONTROL
input. The amount of ‘dead band’ is about 100 mV and is
shown in Figure 10. The CONTROL input can be preceded by
an operational amplifier so biased as to overcome this ‘dead
band’ as well as level shift the control signal so that other than
0 to 1 volt ranges can be used. The bandwidth of the
CONTROL input is sufficient to allow very fast keying and is in
the order of 20 MHz at -0.1 dB.
The linear portion of the transfer characteristic has a linearity
of 1% or better.
The outputs from the multipliers are applied to an analog
summing circuit (
Σ1) whose output feeds a wideband amplifier
(Amp D) and presents the mixed signals to the outside world.
The inverting inputs of each input amplifier are directly
connected to the output.
In this manner the closed loop gain is nearly unity providing
wideband, stable operation. Because the devices have only
8 pins and require virtually no external parts in order to
function, they lend themselves to high density, multi-functional
PC board layouts. Several devices can be used in parallel
applications such as R-G-B mixers and four-layer keyers
where close control law tracking is essential.
The only difference between the GT4123 and the GT4123A is
the fact that the latter device can operate with non-equal
power supplies. The negative supply can be as low as -3 volts
unlike the GT4123 which can only operate down to
±9 volt
supplies.
COMP
VCA = 0.5 + (VC - 0.5)
+
VCB
OUT
AMP B
IN A
IN B
CONTROL
(VC)
+
+
+
VCB = 0.5 - (VC - 0.5)
+
+
-
+
AMP D
AMP C
-
+
XB
XA
-
+
AMP A
0.5V
REF
VCA
Σ1
Σ2
Σ3


Similar Part No. - GT4123A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCDA GENNUM-GT4123BCDA Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCKA GENNUM-GT4123BCKA Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCKAE3 GENNUM-GT4123BCKAE3 Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCTA GENNUM-GT4123BCTA Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
More results

Similar Description - GT4123A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
logo
Sanyo Semicon Device
LA7471M SANYO-LA7471M Datasheet
198Kb / 9P
   Two-Channel Video camera microphone amplifier
logo
Spectrum Microwave, Inc...
X15 SPECTRUM-X15 Datasheet
235Kb / 1P
   Frequency Multipliers
X48 SPECTRUM-X48 Datasheet
190Kb / 1P
   Frequency Multipliers
logo
Analog Devices
AD530 AD-AD530_15 Datasheet
2Mb / 6P
   MULTIPLIERS DIVIDERS
AD531 AD-AD531_15 Datasheet
2Mb / 6P
   MULTIPLIERS DIVIDERS
logo
Spectrum Microwave, Inc...
X4-X8 SPECTRUM-X4-X8 Datasheet
180Kb / 1P
   Frequency Multipliers
logo
Maxim Integrated Produc...
MAX463 MAXIM-MAX463 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
logo
Electronic devices inc.
NVM-4X EDI-NVM-4X Datasheet
73Kb / 1P
   NIGHT VISION MULTIPLIERS
logo
Texas Instruments
SN54167 TI-SN54167 Datasheet
296Kb / 8P
[Old version datasheet]   SYNCHRONOUS DECADE RATE MULTIPLIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com