Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090A Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS9090A
Description  GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9090A Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS9090A Datasheet HTML 5Page - Gennum Corporation GS9090A Datasheet HTML 6Page - Gennum Corporation GS9090A Datasheet HTML 7Page - Gennum Corporation GS9090A Datasheet HTML 8Page - Gennum Corporation GS9090A Datasheet HTML 9Page - Gennum Corporation GS9090A Datasheet HTML 10Page - Gennum Corporation GS9090A Datasheet HTML 11Page - Gennum Corporation GS9090A Datasheet HTML 12Page - Gennum Corporation GS9090A Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
GS9090A Preliminary Data Sheet
Proprietary and Confidential
34714 - 0
February 2006
9 of 69
23, 25, 26, 27
STAT[0:3]
Synchronous
with PCLK or
RD_CLK
Output
MULTI FUNCTION I/O PORT
Signal levels are LVCMOS / LVTTL compatible.
Programmable multi-function outputs. By programming the bits is the
IO_CONFIG register, each pin can output one of the following signals:
•H
•V
•F
• FIFO_LD
• ANC_DETECT
• EDH_DETECT
•FIFO_FULL
•FIFO_EMPTY
These pins are set to certain default values depending on the
configuration of the device and the internal FIFO mode selected. See
Programmable Multi-Function Outputs on page 55 for details.
24, 28, 42
IO_GND
Non
Synchronous
Input
Power
Ground connection for digital I/O. Connect to GND.
30
RD_CLK
Input
FIFO READ CLOCK
Signal levels are LVCMOS / LVTTL compatible.
The application layer clocks the parallel data out of the FIFO on the
rising edge of RD_CLK.
31
RD_RESET
Synchronous
with RD_CLK
Input
FIFO READ RESET
Signal levels are LVCMOS / LVTTL compatible.
Valid input only when the device is in SMPTE mode (SMPTE_BYPASS
= HIGH and DVB-ASI = LOW), and the internal FIFO is configured for
video mode (Video Mode on page 45).
A HIGH to LOW transition will reset the FIFO pointer to address zero of
the memory.
32 - 41
DOUT[0:9]
Synchronous
with RD_CLK
or PCLK
Output
PARALLEL VIDEO DATA BUS
Signal levels are LVCMOS / LVTTL compatible.
When the internal FIFO is enabled and configured for either video
mode or DVB-ASI mode, parallel data will be clocked out of the device
on the rising edge of RD_CLK.
When the internal FIFO is in bypass mode, parallel data will be clocked
out of the device on the rising edge of PCLK.
DOUT9 is the MSB and DOUT0 is the LSB.
44
PCLK
Output
PIXEL CLOCK OUTPUT
Signal levels are LVCMOS / LVTTL compatible.
27MHz parallel clock output.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS9090A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090ACNE3 GENNUM-GS9090ACNE3 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
More results

Similar Description - GS9090A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090B GENNUM-GS9090B Datasheet
1Mb / 71P
   GenLINX짰 III 270Mb/s Deserializer for SDI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com