Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9068-CTAE3 Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9068-CTAE3
Description  SD SDI Cable Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068-CTAE3 Datasheet(HTML) 6 Page - Gennum Corporation

  GS9068-CTAE3 Datasheet HTML 1Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 2Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 3Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 4Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 5Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 6Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 7Page - Gennum Corporation GS9068-CTAE3 Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GENNUM CORPORATION
22213 - 2
6 of 8
3.4 OUTPUT AMPLITUDE ADJUSTMENT
The output amplitude of the GS9068 can be adjusted by
changing the value of the RSET resistor as shown in Figure 2
and Table 1 below. For an 800mVp-p output with a nominal
±7% tolerance, a value of 750
Ω is required. A ±1% SMT
resistor should be used.
Fig. 2 Output Amplitude Adjustment
The RSET resistor is part of the high speed output circuit of
the GS9068. The resistor should be placed as close as
possible to the RSET pin. In addition, the PCB capacitance
should be minimized at this node by removing the PCB
groundplane beneath the RSET resistor and the RSET pin.
NOTE: For reliable operation of the GS9068 over the full
temperature range, do not use an RSET value below 573Ω.
4. APPLICATION REFERENCE DESIGN
4.1 PCB LAYOUT
An
FR-4
dielectric
can
be
used,
however,
controlled
impedance transmission lines are required for PCB traces
longer than approximately 1cm. Note the following PCB
artwork features used to optimize performance:
The PCB groundplane is removed under the GS9068
output components to minimize parasitic capacitance.
The PCB ground plane is removed under the GS9068
RSET pin and resistor to minimize parasitic capacitance.
Input and output BNC connectors are surface mounted
in-line to eliminate a transmission line stub caused by a
BNC mounting via high speed traces which are curved
to minimize impedance variations due to change of PCB
trace width.
4.2 TYPICAL APPLICATION CIRCUIT
1100
1000
900
800
700
700
800
900
1000
R
SET
(
Ω)
600
600
500
Table 1: RSET vs VOD
RSET (Ω)
OUTPUT SWING
995
608mV
824
734mV
750
800mV
600
884mV
573
1040mV
GS9068
1
2
3
4
8
7
6
5
SDI
SDI
VEE
RSET
SDO
SDO
NC
VCC
10n
75
5.6n
4u7
BNC
VCC
75
5.6n
10n
75
4u7
49.9
750
10n
49.9
4u7
75
BNC
VCC
4u7
VCC
* TYPICAL VALUE VARIES WITH LAYOUT
DIFFERENTIAL
DATA INPUT
*
*
NOTE: All resistors in Ohms, capacitors in Farads,
and inductors in Henrys, unless otherwise noted.


Similar Part No. - GS9068-CTAE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9068-CTAE3 GENNUM-GS9068-CTAE3 Datasheet
445Kb / 11P
   SD SDI Cable Driver
More results

Similar Description - GS9068-CTAE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9068 GENNUM-GS9068_10 Datasheet
445Kb / 11P
   SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
M/A-COM Technology Solu...
M21202 MA-COM-M21202 Datasheet
102Kb / 2P
   SD-SDI Broadcast Video Co-axial Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
logo
National Semiconductor ...
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com