Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9020ACTV Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS9020ACTV
Description  GENLINX -TM II GS9020A Serial Digital Video Input Processor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9020ACTV Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS9020ACTV Datasheet HTML 4Page - Gennum Corporation GS9020ACTV Datasheet HTML 5Page - Gennum Corporation GS9020ACTV Datasheet HTML 6Page - Gennum Corporation GS9020ACTV Datasheet HTML 7Page - Gennum Corporation GS9020ACTV Datasheet HTML 8Page - Gennum Corporation GS9020ACTV Datasheet HTML 9Page - Gennum Corporation GS9020ACTV Datasheet HTML 10Page - Gennum Corporation GS9020ACTV Datasheet HTML 11Page - Gennum Corporation GS9020ACTV Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
19922 - 3
8 of 31
DETAILED DESCRIPTION
The GS9020A EDH coprocessor consists of five major
blocks:
1. Data Input/Output Block (with automatic standard
detect)
2. Flywheel Block
3. EDH Block
4. Data Processing Block
5. Host Interface (HOSTIF) Block
The following convention is used to differentiate device pins
from HOST interface table bits.
LOGIC OPR (logic operator) gives the combinational
relationship (if one exists), between pins which also have a
corresponding HOST bit. This operator governs the signal
the GS9020A receives. The following is the list of possible
logic operators and their meaning.
1. DATA INPUT/OUTPUT BLOCK
1.1 Serial Video Data Inputs
Serial data and clock signals are supplied to the GS9020A
chip via the SDI/SDI and SCI/SCI pins, respectively. Eight
standards are supported: Composite, 4:2:2 Component with
13.5MHz Y sampling, 4:2:2 16 x 9 wide screen with 18MHz
Y sampling, and 4:4:4:4 Component Single Link with
13.5MHz Y sampling, all in both NTSC and PAL formats.
See Table 1.
SDI/SDI and SCI/SCI are high speed Pseudo-ECL (PECL)
compatible differential inputs with internal pullup resistors
(75
Ω nominally) as shown in Figure 4. Note that each pullup
resistor has a dedicated power pin allowing the use of other
interfacing topologies.
The internal pullup resistors allow the GS9020A to be easily
interfaced to the GS9025A as shown in Figure 5 and Figure
17. An external diode is required to offset the input signals
to the input range of the GS9020A. For maximum signal
integrity the GS9025A and GS9020A should be placed as
close together as possible.
The PECL serial input signals are first converted to CMOS
levels and then deserialized to 10 bit parallel format (based
on the TRS headers), descrambled, and then passed to the
processing core.
1.2 Parallel Digital Video Data Outputs
The output of the device is 10-bit digital video data and is
present on the DOUT[9:0] output pins.
1.3 Reserialized Data Output
The GS9020A also provides PECL differential serial data
outputs (SDO/SDO). The serial data outputs can operate in
one of two modes as controlled by the SDOMODE pin.
When SDOMODE is set LOW, re-serialized processed data
is output at the SDO/SDO output pins. In this mode it is
recommended that the lock output of the GS9025A or
GS9035A connected to the RESET input of the GS9020A,
and to a pull up resistor. This will effectively reset the
GS9020A whenever the signal lock is lost. Note that any
GS9020A programming through the host interface will be
lost after this reset. It will be necessary to reprogram the
GS9020A after each reset.
When SDOMODE is set HIGH, the serial input data is
supplied directly to the SDO/SDO output pins, bypassing
the processing core. After changing SDOMODE, the
GS9020A must be reset for proper operation.
PIN
LOGIC OPR
HOSTIF
XX
YY
LOGIC OPR
MEANING
AND
XX AND YY
OR
XX OR YY
>
XX takes precedence over YY
<
YY takes precedence over XX
PIN
LOGIC OPR
HOST BIT
SDI, SDI
SCI, SCI
PIN
LOGIC OPR
HOST BIT
DOUT[9:0]
PIN
LOGIC OPR
HOST BIT
SDO, SDO
SDOMODE


Similar Part No. - GS9020ACTV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
GS9020-CFV ETC1-GS9020-CFV Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
GS9020-CTV ETC1-GS9020-CTV Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
More results

Similar Description - GS9020ACTV

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
logo
Gennum Corporation
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com