Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9021A Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS9021A
Description  GENLINX -TM II GS9021A EDH Coprocessor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9021A Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS9021A Datasheet HTML 7Page - Gennum Corporation GS9021A Datasheet HTML 8Page - Gennum Corporation GS9021A Datasheet HTML 9Page - Gennum Corporation GS9021A Datasheet HTML 10Page - Gennum Corporation GS9021A Datasheet HTML 11Page - Gennum Corporation GS9021A Datasheet HTML 12Page - Gennum Corporation GS9021A Datasheet HTML 13Page - Gennum Corporation GS9021A Datasheet HTML 14Page - Gennum Corporation GS9021A Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
19983 - 1
11 of 26
3.6 UES Error Flag Updating
In receive mode, a UES flag is set HIGH in the outgoing
EDH packet if the corresponding UES flag was HIGH in the
incoming packet or if the corresponding V bit was LOW.
(For example, if the incoming Active Picture V bit is LOW,
the outgoing Active Picture UES bit will be HIGH). If there is
no EDH packet in the incoming data, all three UES flags
(ANC, AP, FF) are set HIGH.
3.7 No EDH
Some input data streams may lack the EDH packet. In such
cases, the NO_EDH bit in the HOSTIF read table is
asserted HIGH. If only a few fields lack the EDH packet, the
NO_EDH bit will be asserted only for those fields.
In determining if the input data stream contains an EDH
packet, the GS9021A looks for two things. First, the
presence of an ANC packet with the header 000 3FF 3FF
1F4 and second, that the ANC header is in the right spot for
the video standard detected. The NO_EDH signal is a
logical NAND of these two cases. If either one is false, the
NO_EDH flag is set.
3.8 Errored Field Counter
The device has a 24 bit ERRORED FIELD COUNTER. The
counter increments by one on the occurrence of one or
more error flags in an OUTGOING EDH packet. The error
flags that can increment the counter are user-selectable
through the 16 ERROR SENSITIVITY bits in the HOSTIF
write table.
The error flag SENSITIVITY bits are active LOW, so that If a
particular sensitivity bit is set LOW, the counter is sensitive
to errors of that type in the OUTGOING EDH packet. The
EDH_CHKSM SENSITIVITY bit is active HIGH.
There are four methods of counter operation. The mode is
set through 2 bits in the HOSTIF write table, denoted CLR1
and CLR0.
In "Normal" mode the counter operates as previously
discussed, such that the counter increments on detection of
any error for which the sensitivity flags are set HIGH. If
“Reset Counter to Zero” mode is selected, the counter is
reset to zero and begins counting again. The mode of
operation will immediately return to 00 (normal mode) once
the counter resets. In "Auto Reset" mode, the counter
behaves in the normal fashion, except that it resets to zero
every time a HOSTIF read of the lowest 8 bits of the error
counter (address 17) is performed. This functionality allows
the chip to count the number of errors since the last read.
The “Hold Counter at Zero” mode instantly freezes the
counter at zero until it is moved into one of the other modes.
3.9 Flag Port
In addition to the HOSTIF tables, the EDH error flags can
also be read and written via the synchronous flag port. The
five flag port pins, FL[4:0], allow access to all 15 error flags.
The select pins S[1:0] control which flags are read/written
as outlined below. If the flag port is not going to be used, it
is best to set F_R/W HIGH, leave FL[4:0] unconnected and
set S[1:0] to any value desired but not floating.
3.9.1 Write Mode
When the F_R/W pin is LOW, the flag port is in write mode
and the FL[4:0] pins are configured as inputs. After writing
to the flag port, the GS9021A inserts the written flags into
the next outgoing EDH packet. Note that external flag
overwriting via the flag port takes precedence over HOSTIF
overwriting but the flag port write only affects the next
outgoing EDH packet. Following this, if the flag port is not
written to again, flag operation is returned to normal EDH
functionality (unless it is being overwritten through the
HOSTIF).
The data present on the FL[4:0] output pins, as controlled
by the S[1:0] pins, is summarized below.
In addition to overwriting the 15 error flags, the outgoing
validity bits for the active picture (APV) and full field (FFV)
can be overwritten via the flag port.
PIN
LOGIC OPR
HOST BIT
NO_EDH
PIN
LOGIC OPR
HOST BIT
ERRORED FIELD COUNTER
CLR[1:0]
ERROR SENSITIVITY BITS
CLR1
CLR0
MODE OF OPERATION
00
Normal
0
1
Reset Counter to Zero
1
0
Auto Reset
1
1
Hold Counter at Zero
PIN
LOGIC OPR
HOST BIT
F_R/W
S[1:0]
FL[4:0]
>
OVERWRITE VALUES


Similar Part No. - GS9021A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
   EDH Coprocessor
GS9021-CFU GENNUM-GS9021-CFU Datasheet
194Kb / 26P
   EDH Coprocessor
GS9021-CTU GENNUM-GS9021-CTU Datasheet
194Kb / 26P
   EDH Coprocessor
More results

Similar Description - GS9021A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9001 GENNUM-GS9001_04 Datasheet
341Kb / 14P
   EDH Coprocessor
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
   EDH Coprocessor
GS9001 GENNUM-GS9001 Datasheet
211Kb / 14P
   EDH COPROCESSOR
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
EB9024 GENNUM-EB9024 Datasheet
116Kb / 9P
   GENLINX-TM II EB9024 Evaluation Board
EB-RD35 GENNUM-EB-RD35 Datasheet
220Kb / 9P
   GENLINX-TM II EB-RD35 Evaluation Board
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com