Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALZ12B18 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # ALZ12B18
Description  16A Low Profile Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ALZ12B18 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  ALZ12B18 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ALZ12B18 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ALZ12B18 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
62
LZ RELAYS
16A Low Profile Power Relay
15.7
.618
12.5
.492
28.8
1.134
FEATURES
1. Low profile size: Height 15.7 mm
28.8 (L)
×12.5 (W)×15.7(H) mm 1.134
(L)
×.492 (W)×.618(H) inch
2. High insulation resistance
Creepage distance and clearances
between contact and coil: Min. 10 mm
3. UL coil insulation class B (85°C
185°F) or class F (105°C 221°F).
4. Pb free and Cd free
5. Low operating power
• Nominal operating power: 400mW
6. Conforms to the various safety
standards:
• UL/CSA, VDE approved.
SPECIFICATIONS
Contact
Coil
Remarks
*
Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as “Initial breakdown voltage” section.
*2 Detection current: 10mA
*3 Wave is standard shock voltage of
±1.2 × 50µs according to JEC-212-1981
*4 Excluding contact bounce time.
*5 Half-wave pulse of sine wave: 0.8 ms; detection time: 10
µs
*6 Half-wave pulse of sine wave: 6 ms
*7 Detection time: 10
µs
*8 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 24).
*9 Class F type is ambient temperature 105°C 221°F.
*10 Electrical life was evaluated with the breathing hole open.
Characteristics
Arrangement
1 Form A, 1 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
100 m
Contact material
Silver alloy
Rating
(resistive load)
Nominal switching
capacity
16 A 250 V AC
Max. switching power
4,000 V A
Max. switching voltage
440 V AC
Max. switching current
16 A
Expected life
(min. operations)
Mechanical
(at 180 cpm)
1
× 107
Electrical (at 20 cpm)*10
(Resistive load)
N.O.: 105
N.C.: 5
× 104
Nominal operating power
400 mW
Max. operating speed (at rated load)
20 cpm
Initial insulation resistance*1
Min. 1,000 M
Ω (at 500 V DC)
Initial
breakdown
voltage*2
Between open contacts
1,000 Vrms for 1 min.
Between contacts and
coil
5,000 Vrms for 1 min.
Initial surge voltage between contact
and coil*3
Min. 10,000 V
Operate time*4 (at nominal voltage)
Max. 15ms (at 20
°C 68°F)
Release time (with diode)*4
(at nominal voltage)
Max. 5ms (at 20
°C 68°F)
Temperature rise (at nominal voltage)
Max. 55
°C
(resistance method, contact
current 16 A, 20
°C 68°F)
Shock resistance
Functional*5
Min. 100 m/s2{10 G}
Destructive*6
Min. 1,000 m/s2{100 G}
Vibration resistance
Functional*7
10 to 55Hz
at double amplitude of
1.5mm (NO), 0.82mm (NC)
Destructive
10 to 55Hz
at double amplitude of 1.5mm
Conditions for
operation, transport
and storage*8
(Not freezing and
condensing at low
temperature)
Ambient temp.
–40
°C to +85°C
–40
°F to +185°F (Class B)*9
Humidity
5 to 85% R.H.
Unit weight
Approx. 12 g .42 oz
TYPICAL APPLICATIONS
• HVAC
• Oven ranges
• Refrigerators
ORDERING INFORMATION
A
Ex.
LZ
1
2
B
12
W
UL/CSA approved type is standard.
Notes: 1. Tube packing: Inner carton: 20pcs.; Case: 800pcs.
2. Carton packing: Inner carton: 100pcs.; Case: 500pcs.
3. Carton packing symbol “W” is not marked on the relay.
LZ
1: 1 Form C
2: 1 Form A
1: Flux-resistant type
2: Sealed type
B:
F:
Class B insulation
Class F insulation
05: 5
18: 18
09: 9
24: 24
12: 12
48: 48
Product name
Contact arrangement
Protective construction
Coil insulation class
Coil voltage, V DC
Nil: Tube packing
W: Carton packing
Packing style
VDE


Similar Part No. - ALZ12B18

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALZ12B18W PANASONIC-ALZ12B18W Datasheet
74Kb / 4P
   Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
More results

Similar Description - ALZ12B18

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALZ11B05W PANASONIC-ALZ11B05W Datasheet
74Kb / 4P
   Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
logo
Tyco Electronics
OMIH-SH-105D MACOM-OMIH-SH-105D Datasheet
118Kb / 2P
   16A Miniature Power PC Board Relay
OZ-SH-105D MACOM-OZ-SH-105D Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
logo
Fujitsu Component Limit...
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
2-1440002-3 MACOM-2-1440002-3 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
1-1415538-1 MACOM-1-1415538-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
RTH14012 MACOM-RTH14012 Datasheet
137Kb / 2P
   Power PCB Relay RTH 105째C 16A
logo
TE Connectivity Ltd
RZH TEC-RZH Datasheet
273Kb / 2P
   Power PCB Relay RZH 105째C 16A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com