Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


G01535-CTXE3 Datasheet(PDF) 1 Page - Gennum Corporation

Part No. G01535-CTXE3
Description  Reference Crystal
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GENNUM [Gennum Corporation]
Homepage  http://www.gennum.com
Logo 

   
 1 page
background image
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: July 2005
Document No. 25122 - 4
DATA SHEET
KEY SPECIFICATIONS
• frequency: 14.140MHz
• type of cut: AT
• mode: fundamental
• circuit condition: series resonance
• calibration tolerance at 25°C: +/- 50ppm
• stability/temperature range: <100ppm / 0°C to +70°C
• equivalent series resistance (Rs): <35
Ω
• static capacitance (Co) < 5.0pF
• aging: <5ppm/year
• drive level: <0.2mW
• Pb-free
DESCRIPTION
The GO1535 Reference Crystal is a series-resonant AT-cut
fundamental quartz crystal operating at 14.140MHz used as
the reference resonator for the GS1535 Reclocker IC.
ORDERING INFORMATION
PART NUMBER
PACKAGE
TEMPERATURE
Pb-FREE
G01535-CTXE3
TSS-3B
0°C to 70°C
Yes
GO1535 Reference Crystal
CIRCUIT DIAGRAM
1
3




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KXN6489BReference Crystal 1 2 CTS Corporation
SM5021Crystal Oscillator Module ICs 1 2 3 4 5 MoreNippon Precision Circuits Inc
M4TXX-BR12SHTIMEKEEPER SNAPHAT Battery & Crystal 1 2 3 4 5 MoreSTMicroelectronics
SA8807A96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL SPI INTERFACE 1 2 3 4 5 MoreSames
DS001AKASingle-Panel Liquid Crystal Optical Engine for Rear Projectors 1 2 3 4 5 MoreSony Corporation
ACM1602TSPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
AGM1232ESPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
HA721010kHz to 10MHz Low Power Crystal Oscillator 1 2 3 4 5 MoreIntersil Corporation
MX98715AEC-CSINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION 1 2 3 4 5 MoreMacronix International
G121C00P000LIQUID CRYSTAL DISPLAY MODULE 1 2 3 4 5 MoreSeiko Instruments Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl