Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9060 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS9060
Description  HD-LINX II Voltage Controlled Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9060 Datasheet(HTML) 4 Page - Gennum Corporation

  GS9060 Datasheet HTML 1Page - Gennum Corporation GS9060 Datasheet HTML 2Page - Gennum Corporation GS9060 Datasheet HTML 3Page - Gennum Corporation GS9060 Datasheet HTML 4Page - Gennum Corporation GS9060 Datasheet HTML 5Page - Gennum Corporation GS9060 Datasheet HTML 6Page - Gennum Corporation GS9060 Datasheet HTML 7Page - Gennum Corporation GS9060 Datasheet HTML 8Page - Gennum Corporation GS9060 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GO1525 Data Sheet
21969 - 8
July 2005
4 of 9
2. Electrical Characteristics
Table 2-1: Electrical Characteristics
VCC = 2.5V ±0.25V, Temperature = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Supply Voltage
V
CC
2.25
2.5
2.75
V
Supply Voltage
Supply Current
Ι
S
15
mA
Supply Current
Control Voltage Range
V
CTR
1.0
1.5
V
Control Voltage Range
Control Voltage Sensitivity
df/dV
25
32
39
MHz/V
Control Voltage
Sensitivity
Operating Frequency
Range
ƒ
VCO
VCTR = 1.0V
1483.5
MHz
Operating Frequency
Range
VCTR = 1.5V
1485.0
MHz
Output Signal Level
V
OUT
-12
-9
-6
dBm
Output Signal Level
Pushing Figure
V
CC = 2.5V ± 0.25V, ref:
V
CC = 2.5V
1.5
MHz
Pushing Figure
Pulling Figure
VSWR = 2.0 for all
phase, ref: 50
Ω
1.0
MHz
Pulling Figure
Temperature Stability
T
COEF
0°C to 70°C, ref. = 25°C
±3
MHz
Temperature Stability
Spurious Response
-10
dBc
Spurious Response
Output Impedance
Z
O
––
50
Ω
Output Impedance


Similar Part No. - GS9060

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
GS9060-CF GENNUM-GS9060-CF Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
GS9060-CFE3 GENNUM-GS9060-CFE3 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
More results

Similar Description - GS9060

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com