Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA3222 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GA3222
Description  Advanta-TM ADRO-TM - Enabled DSP System
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GA3222 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GA3222 Datasheet HTML 7Page - Gennum Corporation GA3222 Datasheet HTML 8Page - Gennum Corporation GA3222 Datasheet HTML 9Page - Gennum Corporation GA3222 Datasheet HTML 10Page - Gennum Corporation GA3222 Datasheet HTML 11Page - Gennum Corporation GA3222 Datasheet HTML 12Page - Gennum Corporation GA3222 Datasheet HTML 13Page - Gennum Corporation GA3222 Datasheet HTML 14Page - Gennum Corporation GA3222 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
GA3222 Preliminary Data Sheet
34477 - 0
February 2006
11 of 21
7.3.3 Time Constants
The preconfigured attack and release times are 200ms and 20ms respectively for
two main reasons:
1. To ensure that the noise reduction system is not activated during softer
phonemes in speech (slower expansion attack time) and that the system
quickly responds to the onset of speech (faster expansion release time). The
typical duration of phonemic gaps between syllables in speech is about
150ms, so the expansion attack time should be longer than this to avoid
distorting the speech envelope.
2. Slow time constants are in keeping with ADRO processing and are optimized
to preserve the sound quality of speech.
7.4 Adaptive Feedback Canceller
Advanta’s feedback canceller reduces acoustic feedback by forming an estimate
of the hearing aid feedback signal and then subtracting this estimate from the
hearing aid input. Therefore, the forward path of the hearing aid is not affected.
Unlike adaptive notch filter approaches, Advanta’s feedback canceller does not
reduce the hearing aid’s gain.
Figure 7-1: Adaptive Feedback Canceller block diagram
G
Σ
H'
H
+
-
Feedback path
Estimated feedback


Similar Part No. - GA3222

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GA3220 GENNUM-GA3220 Datasheet
168Kb / 2P
   Programmable Signal Processing Platform for Hearing Instruments
GA3224 GENNUM-GA3224 Datasheet
127Kb / 6P
   PARAGON-TM DIGITAL Two Channel DSP System
logo
ON Semiconductor
GA3224 ONSEMI-GA3224 Datasheet
115Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
GA3224-E1 ONSEMI-GA3224-E1 Datasheet
115Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
GA3224-E1-T ONSEMI-GA3224-E1-T Datasheet
115Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
More results

Similar Description - GA3222

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GA3219 GENNUM-GA3219 Datasheet
354Kb / 24P
   Venture-TM Digital DSP System
GA3214 GENNUM-GA3214 Datasheet
127Kb / 6P
   PARAGON-TM DIGITAL Two Channel DSP System
GA3216 GENNUM-GA3216 Datasheet
233Kb / 14P
   FOUNDATION-TM Digital Single or Dual Channel DSP Compression System
GB3211 GENNUM-GB3211 Datasheet
142Kb / 7P
   Power PARAGON-TM DIGITAL Four Channel DSP System with FRONTWAVE-R
logo
IXYS Corporation
IXFC80N08 IXYS-IXFC80N08 Datasheet
75Kb / 2P
   HIPERFET-TM MOSFET ISOPLUS220-TM
logo
Molex Electronics Ltd.
0690011025 MOLEX11-0690011025 Datasheet
39Kb / 1P
   TM-40/TM-42 Applicator
0690025670 MOLEX11-0690025670 Datasheet
33Kb / 1P
   TM-40/TM-42 Circuit Board
logo
IXYS Corporation
IXFR50N50 IXYS-IXFR50N50 Datasheet
84Kb / 2P
   HiPerFET-TM Power MOSFETs ISOPLUS247-TM
logo
Advanced Micro Devices
AMD-751 AMD-AMD-751 Datasheet
172Kb / 14P
   AMD-751-TM System Controller Revision Guide
logo
Texas Instruments
CDCD5704 TI-CDCD5704 Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com