Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB-RD35 Datasheet(PDF) 1 Page - Gennum Corporation

Part # EB-RD35
Description  GENLINX-TM II EB-RD35 Evaluation Board
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

EB-RD35 Datasheet(HTML) 1 Page - Gennum Corporation

  EB-RD35 Datasheet HTML 1Page - Gennum Corporation EB-RD35 Datasheet HTML 2Page - Gennum Corporation EB-RD35 Datasheet HTML 3Page - Gennum Corporation EB-RD35 Datasheet HTML 4Page - Gennum Corporation EB-RD35 Datasheet HTML 5Page - Gennum Corporation EB-RD35 Datasheet HTML 6Page - Gennum Corporation EB-RD35 Datasheet HTML 7Page - Gennum Corporation EB-RD35 Datasheet HTML 8Page - Gennum Corporation EB-RD35 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRELIMINARY
GENLINX
II
EB-RD35 Evaluation Board
EB-RD35 BLOCK DIAGRAM
Document No. VB2930 - 1
INTRODUCTION
The EB-RD35
is an evaluation and reference design
platform for Routing and Distribution applications using the
GENLINX
II GS9024 Equalizer, the GS9035 Reclocker,
and the GS9028 Cable Driver.
CIRCUIT DESCRIPTION
A functional block diagram is shown below and illustrates
the primary circuit functions. These include equalization,
reclocking, and driving 75
Ω co-axial cables. A complete
schematic is also included.
The EB-RD35 accepts a serial digital data input signal
which first goes into the GS9024 equalizer. Equalization
of the input signal is completely automatic for signal
attenuation due to cable length from 0dB to in excess of
30dB. The signal strength/carrier detect output of the
equalizer, which is proportional to the amount of equalization
taking place, is available via test point TP3. Also available
as an output, is the equalizer "Output Eye Monitor" signal
via a SMA connector (J6). The signal strength/carrier
detect and Output Eye Monitor are useful diagnostic
outputs.
After equalization, the differential data signal is passed
to the GS9035 reclocker which generates clock and
retimed data signals. In addition, the complementary
serial clock output signals are available at BNC connectors
J2 and J3. The GS9035 also drives data rate indication
LEDs and a LOCK LED which is provided to visually
indicate when the reclocker has locked to the incoming
video signal.
The reclocked data signals are then supplied to the
GS9028 cable driver which provides two complementary
data outputs at BNC connectors J4 and J5. The GS9028
is configured to drive 75
Ω co-axial cables with SMPTE
defined 800mV levels.
BOARD SET-UP AND TEST
The board is configured in SMPTE, auto-tune mode and
supports five data rates: 143Mb/s, 177Mb/s, 270Mb/s,
360Mb/s, and 540Mb/s. LED indicators are used to indicate
when the device is LOCKed and the detected data rate as
shown below:
SS2
SS1
SS0
143Mb/s
0
0
0
177Mb/s
0
0
1
270Mb/s
0
1
0
360Mb/s
0
1
1
540Mb/s
1
0
0
The GS9035 can also be configured for manual mode by
first putting the AUTO/MANUAL jumper (JMP2) into the 2-
3 position. Then jumpers JMP[7:5] are set accordingly.
Note that whenever the AUTO/MANUAL input of the GS9035
is HIGH (auto mode), jumpers JMP[7:5] should be left
floating to avoid bus contention.
SERIAL
DATA
OUTPUTS
GS9024
EQUALIZER
GS9035
RECLOCKER
GS9028
CABLE
DRIVER
SERIAL
CLOCK
OUTPUTS
SERIAL
DATA
INPUT
1


Similar Part No. - EB-RD35

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
EB-RACK HAMMOND-EB-RACK Datasheet
59Kb / 2P
   Refroidisseurs deau
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
EB-RJF-BLKHD-1 REDLION-EB-RJF-BLKHD-1 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
EB-RJF-CAP-1 REDLION-EB-RJF-CAP-1 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
EB-RJF-PLUG-1 REDLION-EB-RJF-PLUG-1 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
More results

Similar Description - EB-RD35

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
EB9024 GENNUM-EB9024 Datasheet
116Kb / 9P
   GENLINX-TM II EB9024 Evaluation Board
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
   GENLINX -TM II GS9021A EDH Coprocessor
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9023A GENNUM-GS9023A Datasheet
515Kb / 37P
   GENLINX -TM II GS9023A Embedded Audio CODEC
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
logo
Future Technology Devic...
V2-EVAL FTDI-V2-EVAL Datasheet
2Mb / 64P
   Vinculum II Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com