Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALZ22B05 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # ALZ22B05
Description  16A Low Profile Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ALZ22B05 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  ALZ22B05 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ALZ22B05 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ALZ22B05 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LZ
63
TYPES
COIL DATA
Contact arrangement
Coil voltage, V DC
Flux-resistant type
Sealed type
Class B
Class F
Class B
Class F
1 Form A
5
ALZ21B05
ALZ21F05
ALZ22B05
ALZ22F05
9
ALZ21B09
ALZ21F09
ALZ22B09
ALZ22F09
12
ALZ21B12
ALZ21F12
ALZ22B12
ALZ22F12
18
ALZ21B18
ALZ21F18
ALZ22B18
ALZ22F18
24
ALZ21B24
ALZ21F24
ALZ22B24
ALZ22F24
48
ALZ21B48
ALZ21F48
ALZ22B48
ALZ22F48
1 Form C
5
ALZ11B05
ALZ11F05
ALZ12B05
ALZ12F05
9
ALZ11B09
ALZ11F09
ALZ12B09
ALZ12F09
12
ALZ11B12
ALZ11F12
ALZ12B12
ALZ12F12
18
ALZ11B18
ALZ11F18
ALZ12B18
ALZ12F18
24
ALZ11B24
ALZ11F24
ALZ12B24
ALZ12F24
48
ALZ11B48
ALZ11F48
ALZ12B48
ALZ12F48
Nominal voltage,
V DC
Pick-up voltage,
V DC (max.)
Drop-out voltage,
V DC (min.)
Coil resistance,
Ω (±10%)
Nominal operating
current, mA (
±10%)
Nominal operating
power, W
Maximum allowable
voltage, V DC
5
3.5
0.5
63
80
0.4
6.5
9
6.3
0.9
203
44.4
11.7
12
8.4
1.2
360
33.3
15.6
18
12.6
1.8
810
22.2
23.4
24
16.8
2.4
1,440
16.7
31.2
48
33.6
4.8
5,760
8.3
62.4
DIMENSIONS
1. 1 Form A type
28.8
1.134
5
.197
0.5
.020
0.5
.020
20
.787
2.5
.098
15.7
.618
3.5
.138
0.5
.020
12.5
.492
7.5
.295
0.8
.031
Dimension :
Tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
PC board pattern (Copper-side view)
Tolerance :
±0.1 ±.004
Schematic (Bottom view)
20
.787
7.5
.295
5
.197
6-1.3 dia.
6-.051 dia.
Coil
mm inch
2. 1 Form C type
28.8
1.134
5
.197
12.5
.492
7.5
.295
15.7
.618
3.5
.138
0.5
.020
0.8
.031
0.5
.020
0.5
.020
20
.787
2.5
.098
Dimension :
Tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
PC board pattern (Copper-side view)
Tolerance :
±0.1 ±.004
Schematic (Bottom view)
20
.787
7.5
.295
5
.197
5
.197
8-1.3 dia.
8-.051 dia.
Coil


Similar Part No. - ALZ22B05

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ALZ PANASONICBATTERY-ALZ Datasheet
74Kb / 4P
   LZ RELAYS
logo
Panasonic Semiconductor
ALZ11B05W PANASONIC-ALZ11B05W Datasheet
74Kb / 4P
   Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
ALZ11B09W PANASONIC-ALZ11B09W Datasheet
74Kb / 4P
   Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
ALZ11B12W PANASONIC-ALZ11B12W Datasheet
74Kb / 4P
   Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
ALZ11B18W PANASONIC-ALZ11B18W Datasheet
74Kb / 4P
   Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
More results

Similar Description - ALZ22B05

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALZ11B05W PANASONIC-ALZ11B05W Datasheet
74Kb / 4P
   Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
logo
Tyco Electronics
OMIH-SH-105D MACOM-OMIH-SH-105D Datasheet
118Kb / 2P
   16A Miniature Power PC Board Relay
OZ-SH-105D MACOM-OZ-SH-105D Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
logo
Fujitsu Component Limit...
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
2-1440002-3 MACOM-2-1440002-3 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
1-1415538-1 MACOM-1-1415538-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
RTH14012 MACOM-RTH14012 Datasheet
137Kb / 2P
   Power PCB Relay RTH 105째C 16A
logo
TE Connectivity Ltd
RZH TEC-RZH Datasheet
273Kb / 2P
   Power PCB Relay RZH 105째C 16A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com