Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRAF0860 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # SRAF0860
Description  Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SRAF0860 Datasheet(HTML) 1 Page - Mospec Semiconductor

  SRAF0860 Datasheet HTML 1Page - Mospec Semiconductor SRAF0860 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
SRAF0830 thru SRAF0860
Switchmode
Full Plastic Dual Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with a Molybdenum barrier metal. These
state-of-the-art geometry features epitaxial construction with oxide passivation
and metal overlay contact. Ideally suited for low voltage, high frequency
rectification, or as free wheeling and polarity protection diodes.
* Low Forward Voltage.
* Low Switching noise.
* High Current Capacity
* Guarantee Reverse Avalanche.
* Guard-Ring for Stress Protection.
* Low Power Loss & High efficiency.
* 125℃ Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction.
* Plastic Material used Carries Underwriters Laboratory
MAXIMUM RATINGS
SRAF08
Characteristic
Symbol
30
35
40
45
50
60
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
25
28
32
35
42
V
Average Rectifier Forward Current
IF(AV)
8
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
16
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
halfware, single phase, 60Hz)
IFSM
150
A
Operating and Storage Junction
Temperature Range
TJ , TSTG
-65 to +125
SCHOTTKY BARRIER
RECTIFIERS
8 AMPERES
30-60 VOLTS
ITO-220AC
MILLIMETERS
DIM
MIN
MAX
A
15.05
15.15
B
13.35
13.45
C
10.00
10.10
D
6.55
6.65
E
2.65
2.75
F
1.55
1.65
G
1.15
1.25
H
0.55
0.65
I
2.50
2.60
J
3.00
3.20
K
1.10
1.20
L
0.55
0.65
M
4.40
4.60
N
1.15
1.25
P
2.65
2.75
O
3.35
3.45
Q
3.15
3.25
ELECTRIAL CHARACTERISTICS
SRAF08
Characteristic
Symbol
30
35
40
45
50
60
Unit
Maximum Instantaneous Forward Voltage
( IF =8 Amp TC = 25℃)
( IF =8 Amp TC = 125℃)
VF
0.55
0.48
0.65
0.57
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
1.0
30
mA


Similar Part No. - SRAF0860

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SRAF08100 MOSPEC-SRAF08100 Datasheet
164Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRAF08200 MOSPEC-SRAF08200 Datasheet
192Kb / 2P
   Low Forward Voltage
SRAF0870 MOSPEC-SRAF0870 Datasheet
164Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRAF0880 MOSPEC-SRAF0880 Datasheet
164Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRAF0890 MOSPEC-SRAF0890 Datasheet
164Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
More results

Similar Description - SRAF0860

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SRAF0570 MOSPEC-SRAF0570 Datasheet
164Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1070 MOSPEC-SRF1070 Datasheet
180Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1630CE MOSPEC-SRF1630CE Datasheet
194Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1670CE MOSPEC-SRF1670CE Datasheet
182Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF2030CE MOSPEC-SRF2030CE Datasheet
186Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF3070 MOSPEC-SRF3070 Datasheet
178Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF30120C MOSPEC-SRF30120C Datasheet
156Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
URAF0505 MOSPEC-URAF0505 Datasheet
145Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1030 MOSPEC-SRF1030 Datasheet
142Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRAF0530 MOSPEC-SRAF0530 Datasheet
185Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRAF0870 MOSPEC-SRAF0870 Datasheet
164Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com