Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S60D30CE Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # S60D30CE
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

S60D30CE Datasheet(HTML) 1 Page - Mospec Semiconductor

  S60D30CE Datasheet HTML 1Page - Mospec Semiconductor S60D30CE Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
S40D90CE Thru S40D100CE
Schottky Barrier Rectifiers
Using the Schottky Barrier principle with a Molybdenum barrier metal.
These state-of-the-art geometry features epitaxial construction with oxide
passivation and metal overlay contact. Ideally suited for low voltage, high
frequency rectification, or as free wheeling and polarity protection diodes.
*Low Forward Voltage.
*Low Switching noise.
*High Current Capacity
*Guarantee Reverse Avalanche.
*Guard-Ring for Stress Protection.
*Low Power Loss & High efficiency.
*150℃ Operating Junction Temperature
*Low Stored Charge Majority Carrier Conduction.
*Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
MAXIMUM RATINGS
Characteristic
Symbol
S40D90CE
S40D100CE
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
90
100
V
RMS Reverse Voltage
VR(RMS)
63
70
V
Average Rectifier Forward Current
Total Device (Rated VR),TC=100℃
IF(AV)
20
40
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
40
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
halfware, single phase, 60Hz)
IFSM
300
A
Operating and Storage Junction
Temperature Range
TJ , TSTG
-65 to +150
SCHOTTKY BARRIER
RECTIFIERS
40 AMPERES
90-100 VOLTS
TO-3P
DIM
MILLIMETERS
MIN
MAX
A
20.63
22.38
B
15.38
16.20
C
1.90
2.70
D
5.10
6.10
E
14.81
15.22
F
11.72
12.84
G
4.20
4.50
H
1.82
2.46
I
2.92
3.23
J
0.89
1.53
K
5.26
5.66
L
18.50
21.50
M
4.68
5.36
N
2.40
2.80
O
3.25
3.65
P
0.55
0.70
Common Cathode
Suffix “C”
ELECTRIAL CHARACTERISTICS
Characteristic
Symbol
S40D90CE
S40D100CE
Unit
Maximum Instantaneous Forward Voltage
( IF =20 Amp TC = 25℃)
( IF =20 Amp TC = 125℃)
VF
0.85
0.75
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
2.0
80
mA


Similar Part No. - S60D30CE

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S60D30 MOSPEC-S60D30 Datasheet
252Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(60A,30-60V)
logo
Chenmko Enterprise Co. ...
S60D30PT CHENMKO-S60D30PT Datasheet
108Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - S60D30CE

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com