Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTD5765B3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # BTD5765B3
Description  Low VCE(sat) NPN Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD5765B3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  BTD5765B3 Datasheet HTML 1Page - Cystech Electonics Corp. BTD5765B3 Datasheet HTML 2Page - Cystech Electonics Corp. BTD5765B3 Datasheet HTML 3Page - Cystech Electonics Corp. BTD5765B3 Datasheet HTML 4Page - Cystech Electonics Corp. BTD5765B3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C852B3
Issued Date : 2004.05.28
Revised Date :
Page No. : 5/5
BTD5765B3
CYStek Product Specification
TO-92SP Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1450
0.1650
3.70
4.20
E
0.0160
0.0240
0.41
0.61
B
0.1063
0.1300
2.70
3.30
F
-
*0.0150
-
*0.38
C
0.5000
-
12.7
-
G
0.0800
0.1050
2.03
2.67
D
-
*0.1000
-
*2.54
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Style: Pin 1.Emitter 2.Collector 3.Base
3-Lead TO-92SP Plastic Package
CYStek Package Code: B3
B
A
C
D
3
2
1
E
G
F
Marking :
N4401
5765


Similar Part No. - BTD5765B3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD5213J3 CYSTEKEC-BTD5213J3 Datasheet
283Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTD5213L3 CYSTEKEC-BTD5213L3 Datasheet
264Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTD5213M3 CYSTEKEC-BTD5213M3 Datasheet
150Kb / 3P
   NPN Epitaxial Planar Transistor
BTD5510F3 CYSTEKEC-BTD5510F3 Datasheet
164Kb / 5P
   NPN Epitaxial Planar Transistor
BTD5974B3 CYSTEKEC-BTD5974B3 Datasheet
281Kb / 8P
   General Purpose NPN Epitaxial Planar Transistor
More results

Similar Description - BTD5765B3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD965LA3 CYSTEKEC-BTD965LA3 Datasheet
148Kb / 5P
   Low VCE(sat) NPN Planar Transistor
BTD882AM3 CYSTEKEC-BTD882AM3 Datasheet
144Kb / 4P
   Low VCE(sat) NPN Epitaxial Planar Transistor
BTD2150N3 CYSTEKEC-BTD2150N3 Datasheet
173Kb / 4P
   Low VCE(sat) NPN Epitaxial Planar Transistor
logo
Taiwan Semiconductor Co...
TSD965L TSC-TSD965L Datasheet
83Kb / 4P
   Low Vce(sat) NPN Transistor
TSD2444 TSC-TSD2444 Datasheet
45Kb / 3P
   Low Vce(sat) NPN Transistor
TSD1760 TSC-TSD1760 Datasheet
45Kb / 3P
   Low Vce(sat) NPN Transistor
logo
Pan Jit International I...
BCX56-16-AU PANJIT-BCX56-16-AU Datasheet
383Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBSS4232DD PANJIT-PBSS4232DD Datasheet
556Kb / 6P
   NPN Low Vce(sat) Transistor
February 4,2020 PBSS4232DD-REV.00
PBHV8110DH-AU PANJIT-PBHV8110DH-AU Datasheet
383Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBHV8110DH PANJIT-PBHV8110DH Datasheet
383Kb / 6P
   NPN Low Vce(sat) Transistor
February 15,2019-REV.00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com