Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S20C80CE Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # S20C80CE
Description  Schottky Barrier Power Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

S20C80CE Datasheet(HTML) 1 Page - Mospec Semiconductor

  S20C80CE Datasheet HTML 1Page - Mospec Semiconductor S20C80CE Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
S20C70CE Thru S20C100CE
Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with a Molybdenum barrier metal.
These state-of-the-art geometry features epitaxial construction with oxide
passivation and metal overlay contact. Ideally suited for low voltage, high
frequency rectification, or as free wheeling and polarity protection diodes.
* Low Forward Voltage.
* Low Switching noise.
* High Current Capacity
* Guarantee Reverse Avalanche.
* Guard-Ring for Stress Protection.
* Low Power Loss & High efficiency.
* 150℃ Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction.
* Plastic Material used Carries Underwriters Laboratory
MAXIMUM RATINGS
S20C
Characteristic
Symbol
70CE
80CE
90CE
100CE
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
80
90
100
V
RMS Reverse Voltage
VR(RMS)
49
56
63
70
V
Average Rectifier Forward Current
Total Device (Rated VR),TC=100℃
IF(AV)
10
20
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
20
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
halfware, single phase, 60Hz)
IFSM
200
A
Operating and Storage Junction
Temperature Range
TJ , TSTG
-65 to +150
SCHOTTKY BARRIER
RECTIFIERS
20 AMPERES
70-100 VOLTS
TO-220AB
MILLIMETERS
DIM
MIN
MAX
A
14.68
15.32
B
9.78
10.42
C
5.02
6.52
D
13.06
14.62
E
3.57
4.07
F
2.42
2.66
G
1.12
1.36
H
0.72
0.96
I
4.22
4.98
J
1.14
1.38
K
2.20
2.98
L
0.33
0.55
M
2.48
2.98
O
3.70
3.90
Common Cathode
Suffix “C”
ELECTRIAL CHARACTERISTICS
S20C
Characteristic
Symbol
70CE
80CE
90CE
100CE
Unit
Maximum Instantaneous Forward Voltage
( IF =10 Amp TC = 25℃)
( IF =10 Amp TC = 125℃)
VF
0.75
0.68
0.80
0.73
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
0.5
30
mA


Similar Part No. - S20C80CE

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S20C80 MOSPEC-S20C80 Datasheet
248Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
logo
Chenmko Enterprise Co. ...
S20C80PT CHENMKO-S20C80PT Datasheet
67Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - S20C80CE

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S16C70CE MOSPEC-S16C70CE Datasheet
176Kb / 2P
   Schottky Barrier Power Rectifiers
S30S70CR MOSPEC-S30S70CR Datasheet
167Kb / 2P
   Schottky Barrier Power Rectifiers
S05L45 MOSPEC-S05L45 Datasheet
144Kb / 2P
   Schottky Barrier Power Rectifiers
SRM54 MOSPEC-SRM54 Datasheet
131Kb / 2P
   Schottky Barrier Power Rectifiers
S05L60 MOSPEC-S05L60 Datasheet
149Kb / 2P
   Schottky Barrier Power Rectifiers
S16C150 MOSPEC-S16C150 Datasheet
189Kb / 2P
   Schottky Barrier Power Rectifiers
S10L100 MOSPEC-S10L100 Datasheet
131Kb / 2P
   Schottky Barrier Power Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Mospec Semiconductor
S10M45C MOSPEC-S10M45C Datasheet
163Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com