Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTL4502NT1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTL4502NT1
Description  Quad Power MOSFET 24 V, 15 A, N?묬hannel, PInPAK-TM Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTL4502NT1 Datasheet(HTML) 5 Page - ON Semiconductor

  NTL4502NT1 Datasheet HTML 1Page - ON Semiconductor NTL4502NT1 Datasheet HTML 2Page - ON Semiconductor NTL4502NT1 Datasheet HTML 3Page - ON Semiconductor NTL4502NT1 Datasheet HTML 4Page - ON Semiconductor NTL4502NT1 Datasheet HTML 5Page - ON Semiconductor NTL4502NT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTL4502N
http://onsemi.com
5
0
400
800
1200
1600
2000
−10
−5
0
5
10
15
20
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
TJ = 25°C
VGS = 0 V
Ciss
Coss
Crss
Ciss
VDS = 0 V
Crss
VGS
VDS
0
1
2
3
4
5
04
8
12
Qg, TOTAL GATE CHARGE (nC)
Figure 8. Gate−to−Source and Drain−to−Source
Voltage versus Total Charge
VGS
ID = 15 A
TJ = 25°C
1
10
100
1000
1
10
100
RG, GATE RESISTANCE (W)
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1
Figure 10. Diode Forward Voltage versus
Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
TJ = 25°C
TJ = 150°C
tr
td(off)
tf
td(on)
1
10
100
0.1
1
10
100
RDS(ON) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
ms
100
ms
1 ms
10 ms
dc
VGS = 20 V
SINGLE PULSE
TC = 25°C
Figure 11. Maximum Rated Forward Biased Safe Operating Area
6
0
8
16
24
32
QGS
QGD
QG(TOT)
VDS
VDS = 12 V
ID = 15 A
VGS = 4.5 V


Similar Part No. - NTL4502NT1

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Inventronics Inc.
NTL-400S140MP INVENTRONICS-NTL-400S140MP Datasheet
727Kb / 13P
   400W Non-Isolated IP20 Driver
Rev.B
NTL-400SXXXMP INVENTRONICS-NTL-400SXXXMP Datasheet
727Kb / 13P
   400W Non-Isolated IP20 Driver
Rev.B
NTL-600S220MX INVENTRONICS-NTL-600S220MX Datasheet
691Kb / 13P
   600W Non-Isolated Driver
Rev.B
NTL-600SXXXMX INVENTRONICS-NTL-600SXXXMX Datasheet
691Kb / 13P
   600W Non-Isolated Driver
Rev.B
More results

Similar Description - NTL4502NT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS5402T1 ONSEMI-NTHS5402T1 Datasheet
206Kb / 8P
   Power MOSFET N?묬hannel ChipFET-TM
February, 2005 ??Rev. XXX
NTMYS014N06CL ONSEMI-NTMYS014N06CL Datasheet
327Kb / 7P
   Power MOSFET 60 V, 15 m, 37 A, Single N?묬hannel
March, 2019-Rev. 0
NTP18N06 ONSEMI-NTP18N06 Datasheet
90Kb / 8P
   Power MOSFET 15 A, 60 V, N?묬hannel TO??20 & D2PAK
August, 2005 ??Rev. 4
NVMFS5826NLT1G ONSEMI-NVMFS5826NLT1G Datasheet
116Kb / 6P
   Power MOSFET 60 V, 24 m, 26 A, Single N?묬hannel
May, 2013 ??Rev. 3
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
117Kb / 6P
   60 V, 24 m, 20 A, Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 0
NTB125N02R ONSEMI-NTB125N02R_06 Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
NTHS4501N ONSEMI-NTHS4501N Datasheet
65Kb / 6P
   Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
February, 2007 ??Rev. 4
NTY100N10 ONSEMI-NTY100N10_06 Datasheet
162Kb / 8P
   Power MOSFET 123 A, 100 V N?묬hannel Enhancement?묺ode TO264 Package
March, 2006 ??Rev. 2
NTR1P02T1 ONSEMI-NTR1P02T1 Datasheet
63Kb / 6P
   Power MOSFET(??0 V, ?? A, P?묬hannel SOT??3 Package)
March, 2005 ??Rev. 4
NTMS4802N ONSEMI-NTMS4802N Datasheet
116Kb / 5P
   Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com