Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38K00MA-16FP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M38K00MA-16FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38K00MA-16FP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M38K00MA-16FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38K00MA-16FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38K00MA-16FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38K00MA-16FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38K00MA-16FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38K00MA-16FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38K00MA-16FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38K00MA-16FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M38K00MA-16FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 123 page
background image
9
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38K0 Group
[CPU Mode Register (CPUM)] 003B16
The CPU mode register contains the stack page selection bit and
the internal system clock selection bit.
The CPU mode register is allocated at address 003B16.
Fig. 7 Structure of CPU mode register
Processor mode bits
b1 b0
0
0 : Single-chip mode
01 :
1
0 :
Not available
11 :
Stack page selection bit
0 : 0 page
1 : 1 page
Not used (returns “1” when read)
(Do not write “0” to this bit)
Not used (returns “0” when read)
(Do not write “1” to this bit)
System clock selection bit
0 : Main clock (XIN)
1 : fSYN
System clock division ratio selection bits
b7 b6
00 :
φ = f(system clock)/8 (8-divide mode)
01 :
φ = f(system clock)/4 (4-divide mode)
10 :
φ = f(system clock)/2 (2-divide mode)
11 :
φ = f(system clock) (Through mode)
CPU mode register
(CPUM : address 003B16)
b7
b0
1
0


Similar Part No. - M38K00MA-16FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38K00MA-XXXFP RENESAS-M38K00MA-XXXFP Datasheet
1Mb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38K00MA-XXXHP RENESAS-M38K00MA-XXXHP Datasheet
1Mb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38K00MA-16FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com