Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTJD2152P Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTJD2152P
Description  Trench Small Signal MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD2152P Datasheet(HTML) 4 Page - ON Semiconductor

  NTJD2152P Datasheet HTML 1Page - ON Semiconductor NTJD2152P Datasheet HTML 2Page - ON Semiconductor NTJD2152P Datasheet HTML 3Page - ON Semiconductor NTJD2152P Datasheet HTML 4Page - ON Semiconductor NTJD2152P Datasheet HTML 5Page - ON Semiconductor NTJD2152P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTJD2152P
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
VGS
Figure 7. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
0
1.2
4
1
0
Figure 8. Diode Forward Voltage vs. Current
Qg, TOTAL GATE CHARGE (nC)
ID = −0.6 A
TJ = 25°C
2
1.6
2
3
QGS
5
0.8
0.4
2.4
0.8
0.1
0
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
0.7
0.6
0.4
0
0.4
0.5
0.6
0.2
0.3
1
0.2
TJ = 25°C
TJ = 150°C
QG(TOT)
QGD


Similar Part No. - NTJD2152P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD2152P ONSEMI-NTJD2152P Datasheet
133Kb / 6P
   Trench Small Signal MOSFET
March, 2006 ??Rev. 3
NTJD2152PT1 ONSEMI-NTJD2152PT1 Datasheet
133Kb / 6P
   Trench Small Signal MOSFET
March, 2006 ??Rev. 3
NTJD2152PT1G ONSEMI-NTJD2152PT1G Datasheet
133Kb / 6P
   Trench Small Signal MOSFET
March, 2006 ??Rev. 3
NTJD2152PT2 ONSEMI-NTJD2152PT2 Datasheet
133Kb / 6P
   Trench Small Signal MOSFET
March, 2006 ??Rev. 3
NTJD2152PT2G ONSEMI-NTJD2152PT2G Datasheet
133Kb / 6P
   Trench Small Signal MOSFET
March, 2006 ??Rev. 3
More results

Similar Description - NTJD2152P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD2152P ONSEMI-NTJD2152P_06 Datasheet
133Kb / 6P
   Trench Small Signal MOSFET
March, 2006 ??Rev. 3
NTJD4152P ONSEMI-NTJD4152P_15 Datasheet
75Kb / 5P
   Trench Small Signal MOSFET
February, 2015 ??Rev. 6
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
   Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
   Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
   Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTNS41006PZ ONSEMI-NTNS41006PZ Datasheet
80Kb / 6P
   Small Signal MOSFET
May, 2017 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
2N7000 SEMTECH_ELEC-2N7000 Datasheet
148Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTNS3C94NZ ONSEMI-NTNS3C94NZ_16 Datasheet
71Kb / 6P
   Small Signal MOSFET
December, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com