Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7001 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV7001
Description  Quad Variable Reluctance Sensor Interface IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7001 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV7001 Datasheet HTML 1Page - ON Semiconductor NCV7001 Datasheet HTML 2Page - ON Semiconductor NCV7001 Datasheet HTML 3Page - ON Semiconductor NCV7001 Datasheet HTML 4Page - ON Semiconductor NCV7001 Datasheet HTML 5Page - ON Semiconductor NCV7001 Datasheet HTML 6Page - ON Semiconductor NCV7001 Datasheet HTML 7Page - ON Semiconductor NCV7001 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2003
October, 2003 − Rev. 2
1
Publication Order Number:
NCV7001/D
NCV7001
Quad Variable Reluctance
Sensor Interface IC
The NCV7001 is a four−channel variable reluctance sensor
interface IC. Microprocessor control functions include two polarity
5.0 V programmable resets, two programmable watchdog inputs, and
an enable function (OLE). Two watchdog inputs allow control from
two independent microprocessors.
Open sensor detection capability is provided. During test mode
(NTEST = Low), a high on the OLE pin should provide a high on the
output. A low under these conditions indicates an open load.
This part has been designed to operate in an automotive
environment.
Features
Four Channel Capability
Differential Inputs
Open Sensor Detect
5.0 V Supply Operation with RESET and Watchdog Features
On−Chip Input Voltage Clamping
NCV Prefix for Automotive and Other Applications Requiring Site
and Change Control
Typical Applications
Antilock Braking Systems (ABS)
Traction Control Systems (TCS)
Vehicle Dynamics Control (VDC)
PIN CONNECTIONS
MARKING DIAGRAM
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
SO−24L
DW SUFFIX
CASE 751E
1
NCV7001
AWLYYWW
24
1
24
Device
Package
Shipping
ORDERING INFORMATION
NCV7001DW
SO−24L
30 Units/Rail
NCV7001DWR2
SO−24L
1000 Tape & Reel
WD1
INN3
VCC
INP3
WD2
INP2
NLVI
INN2
LVI
INP1
WDO
INN1
NOUT2
NTEST
NOUT1
RDLY
OLE
INP4
WDLY
INN4
124
NOUT4
GND
NOUT3
THOLD
http://onsemi.com


Similar Part No. - NCV7001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7001 ONSEMI-NCV7001 Datasheet
92Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
July, 2005 ??Rev. 3
NCV7001DW ONSEMI-NCV7001DW Datasheet
92Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
July, 2005 ??Rev. 3
NCV7001DWG ONSEMI-NCV7001DWG Datasheet
92Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
July, 2005 ??Rev. 3
NCV7001DWR2 ONSEMI-NCV7001DWR2 Datasheet
92Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
July, 2005 ??Rev. 3
NCV7001DWR2G ONSEMI-NCV7001DWR2G Datasheet
92Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
July, 2005 ??Rev. 3
More results

Similar Description - NCV7001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7001 ONSEMI-NCV7001_05 Datasheet
92Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
July, 2005 ??Rev. 3
CS1124-D ONSEMI-CS1124-D Datasheet
89Kb / 8P
   Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
logo
National Semiconductor ...
LM1815 NSC-LM1815 Datasheet
133Kb / 6P
   Adaptive Variable Reluctance Sensor Amplifier
logo
ARTSCHIP ELECTRONICS CO...
LM1815 ARTSCHIP-LM1815 Datasheet
366Kb / 7P
   Adaptive Variable Reluctance Sensor Amplifier
logo
Texas Instruments
LM1815 TI-LM1815_15 Datasheet
1Mb / 17P
[Old version datasheet]   LM1815 Adaptive Variable Reluctance Sensor Amplifier
LM1815MX TI1-LM1815MX Datasheet
1Mb / 17P
[Old version datasheet]   LM1815 Adaptive Variable Reluctance Sensor Amplifier
logo
ON Semiconductor
NCV1124 ONSEMI-NCV1124 Datasheet
92Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
April, 2006 ??Rev. 0
CS1124 ONSEMI-CS1124 Datasheet
96Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
February, 2006 ??Rev. 8
logo
National Semiconductor ...
LM1815EP NSC-LM1815EP Datasheet
441Kb / 12P
   Enhanced Plastic Adaptive Variable Reluctance Sensor Amplifier
logo
Maxim Integrated Produc...
MAX9924 MAXIM-MAX9924_V01 Datasheet
1Mb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
19-4283; Rev 5; 8/18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com