Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE9020NP1T Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # ACE9020NP1T
Description  Receiver and Transmitter Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ACE9020NP1T Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  ACE9020NP1T Datasheet HTML 1Page - Zarlink Semiconductor Inc ACE9020NP1T Datasheet HTML 2Page - Zarlink Semiconductor Inc ACE9020NP1T Datasheet HTML 3Page - Zarlink Semiconductor Inc ACE9020NP1T Datasheet HTML 4Page - Zarlink Semiconductor Inc ACE9020NP1T Datasheet HTML 5Page - Zarlink Semiconductor Inc ACE9020NP1T Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2
ACE9020
Notes:
1. Exceptions.
Harmonics of divider output -37dBc max applicable when fVCO = 975.1354 MHz Ratio = 65
10th Harmonic of faux -47dBc applicable when faux = 90MHz, fVCO = 989.9375MHz
2. Residual modulation referenced to a 1kHz signal giving 3kHz deviation. Measured with 750
µs de-emphasis and CCITT
filter.
Characteristic
Min
Typ
Max
Unit
TXOSC Output
Differential Output
500
mV p-p
TxOsc Frequency
70
140
MHz
Frequency / Supply Sensitivity
75
kHz
Spurii > 700MHz
-40
dBc
Differential Output Capacitance
2
pF
External Tank Inductance f = 90MHz
82
100
nH
External Tank Inductance f = 122.5MHz
56
68
nH
Power up time (from standby)
65
µs
TXPA Output Signal
Output Power (RL = 50
Ω)
036
dBm
Noise at
∆f = +/- 45 MHz
-145
dBc/Hz
Noise at
∆f = +/- 25 kHz
-100
dBc/Hz
Harmonic Content
-20
dBc
Spurious - Image
-10
dBc
Spurious (fVCO
± 2faux)
-30
dBc
Spurious (fVCO
± 3faux)
-25
dBc
Spurious (
∆f = 45MHz ± 15 kHz) except 2fVCO - 9faux
-105
dBc
Spurious 2fVCO - 9faux
-60
dBc
Spurii within 800 to 940 MHz (note1)
-70
dBc
Other Spurii except image
-30
dBc
Isolation TXPA off (PD2 = PD1 = 1)
55
dB
Power up time
25
µs
Isolation TXPA to RVCOIN
45
dB
Residual Modulation (note 2)
-40
dB
RVCOIN Input Signal
Signal Level
-10
dBm
Input Impedance
50
Divider input frequency
800
1100
MHz
Upconverter input frequency
910
1040
MHz
Phase Noise
∆f = 45MHz
-155
dBc/Hz
Phase Noise
∆f = 25kHz
-117
dBc/Hz
Spurious - harmonic
-20
dBc
Spurious - non-harmonic
-80
dBc
Divider
Differential Output Level
500
600
mV p-p
Output Rise / Fall time
15
ns
Mod Control Set up time
20
ns
Mod Control Hold time
1ns
AC Characteristics
Electrical Characteristics
These characteristics apply over these ranges of conditions (unless otherwise stated):
T
AMB = -30
°C to + 85°C, V
CC = 3.75
± 0.15V or V
CC 4.85
± 0.15V (see fig. 3 for test circuit).


Similar Part No. - ACE9020NP1T

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
   Receiver and Transmitter Interface
ACE9020 MITEL-ACE9020 Datasheet
379Kb / 39P
   Radio Interface and Twin Synthesiser
More results

Similar Description - ACE9020NP1T

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
   Receiver and Transmitter Interface
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Logic Fruit Technologie...
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
   Transmitter and Receiver
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
   Transmitter and Receiver
logo
Exar Corporation
XR-T3588 EXAR-XR-T3588 Datasheet
190Kb / 12P
   V.35 Interface Receiver/Transmitter
logo
TEMIC Semiconductors
U2532B TEMIC-U2532B Datasheet
83Kb / 10P
   IR Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com