Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTD1760J3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTD1760J3
Description  Low Vcesat NPN Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD1760J3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTD1760J3 Datasheet HTML 1Page - Cystech Electonics Corp. BTD1760J3 Datasheet HTML 2Page - Cystech Electonics Corp. BTD1760J3 Datasheet HTML 3Page - Cystech Electonics Corp. BTD1760J3 Datasheet HTML 4Page - Cystech Electonics Corp. BTD1760J3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C848J3
Issued Date : 2003.04.18
Revised Date : 2005.10.04
Page No. : 2/5
BTD1760J3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
50
-
-
V
IC=50µA, IE=0
BVCEO
50
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=50µA, IC=0
ICBO
-
-
1
µA
VCB=30V, IE=0
IEBO
-
-
1
µA
VEB=4V, IC=0
*VCE(sat)
-
0.25
0.5
V
IC=2A, IB=0.2A
*VBE(sat)
-
-
2
V
IC=2A, IB=0.2A
*hFE1
52
-
-
-
VCE=2V, IC=20mA
*hFE2
82
-
560
-
VCE=2V, IC=0.1A
*hFE3
82
-
-
-
VCE=2V, IC=1A
fT
-
90
-
MHz
VCE=5V, IC=0.5A, f=100MHz
Cob
-
45
-
pF
VCB=10V, f=1MHz
*Pulse Test : Pulse Width
≤380µs, Duty Cycle≤2%
Classification Of hFE2
Rank
P
Q
R
S
Range
82~180
120~270
180~390
270~560
Ordering Information
Device
Package
Shipping
Marking
BTD1760J3
TO-252
(Pb-free)
2500 pcs / Tape & Reel
D1760


Similar Part No. - BTD1760J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD1766M3 CYSTEKEC-BTD1766M3 Datasheet
139Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1768A3 CYSTEKEC-BTD1768A3 Datasheet
168Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTD1768BA3 CYSTEKEC-BTD1768BA3 Datasheet
148Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTD1768M3 CYSTEKEC-BTD1768M3 Datasheet
239Kb / 6P
   NPN Epitaxial Planar Transistor
BTD1768N3 CYSTEKEC-BTD1768N3 Datasheet
179Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
More results

Similar Description - BTD1760J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD882NUT3 CYSTEKEC-BTD882NUT3 Datasheet
302Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1862I3 CYSTEKEC-BTD1862I3 Datasheet
143Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2097AI3 CYSTEKEC-BTD2097AI3 Datasheet
156Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AD3 CYSTEKEC-BTD2150AD3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882D3 CYSTEKEC-BTD882D3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882T3 CYSTEKEC-BTD882T3 Datasheet
146Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882I3 CYSTEKEC-BTD882I3 Datasheet
231Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
D44H11E3 CYSTEKEC-D44H11E3 Datasheet
180Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1805F3 CYSTEKEC-BTD1805F3 Datasheet
263Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN853L3 CYSTEKEC-BTN853L3 Datasheet
271Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN1101E3 CYSTEKEC-BTN1101E3 Datasheet
141Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com