Part Name
         Description
BTC5096WC3

 High Cutoff Frequency NPN Epitaxial Planar Transistor ( 8 Page)


CYSTEKEC
100% 
Zoom Out Zoom In
   
 6 page
background image
CYStech Electronics Corp.
Spec. No. : C212WC3
Issued Date : 2003.08.15
Revised Date :
Page No. : 6/8
BTC5096WC3
CYStek Product Specification
Characteristic Curves
Fig.1 Typical Forward Gummel Plot
1.00E-10
1.00E-09
1.00E-08
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
1.00E+00
0
0.2
0.4
0.6
0.8
1
1.2
Base-Emitter Bias Voltage (V)
VCE=1V
Fig.2 Typical Forward Current Gain & Collector Current
0
10
20
30
40
50
60
70
80
90
100
1.0E-08 1.0E-07 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01 1.0E+00
Collector Current (A)
VCE=1V
Fig.3 Typical Output Characteristics
0.0E+00
1.0E-03
2.0E-03
3.0E-03
4.0E-03
5.0E-03
01
23
4
5
Collector Voltage (V)
Ib=10uA
Ib=20uA
Ib=30uA
Ib=40uA
Ib=50uA
Fig.4 Typical fT & Collector Current
0.0E+00
1.0E+09
2.0E+09
3.0E+09
4.0E+09
5.0E+09
6.0E+09
7.0E+09
8.0E+09
9.0E+09
1.0E+10
1.0E-04
1.0E-03
1.0E-02
1.0E-01
Collector Current (A)
Vce = 1V
Vce = 3 V
Fig.5 Typical NFmin & Collector Current
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.1
1
10
100
Collector Current (mA)
VCE=2V
Fig.6 Typical Associated Gain & Collector Current
0
2
4
6
8
10
12
14
16
18
20
0.1
1
10
100
Collector Current (mA)
VCE=2V



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTC5094N3High Cutoff Frequency NPN Epitaxial Planar Transistor 1 2 3 4 5 MoreCystech Electonics Corp.
BTC5095S3High Cutoff Frequency NPN Epitaxial Planar Transistor 1 2 3 4 5 MoreCystech Electonics Corp.
KTC9011EPITAXIAL PLANAR NPN TRANSISTOR HIGH FREQUENCY HF VHF BAND AMPLIFIER 1 KEC(Korea Electronics)
KTC3190EPITAXIAL PLANAR NPN TRANSISTOR HIGH FREQUENCY LOW NOISE AMPLIFIER HF BAND AMPLIFIER 1 2 KEC(Korea Electronics)
KTC4079EPITAXIAL PLANAR NPN TRANSISTOR HIGH FREQUENCY HF VHF BAND AMPLIFIER 1 2 3 4 KEC(Korea Electronics)
KTC3191EPITAXIAL PLANAR NPN TRANSISTOR HIGH FREQUENCY LOW NOISE AMPLIFIER HF BAND AMPLIFIER 1 2 3 KEC(Korea Electronics)
KTC4080EPITAXIAL PLANAR NPN TRANSISTOR HIGH FREQUENCY LOW NOISE AMPLIFIER VHF BAND AMPLIFIER 1 2 3 KEC(Korea Electronics)
KTC2347EPITAXIAL PLANAR NPN TRANSISTOR HIGH FREQUENCY TV UHF OSCILLATOR TV VHF MIXER 1 2 3 KEC(Korea Electronics)
KTC3192EPITAXIAL PLANAR NPN TRANSISTOR HIGH FREQUENCY HF VHF BAND AMPLIFIER 1 2 3 4 KEC(Korea Electronics)
KTC4081EPITAXIAL PLANAR NPN TRANSISTOR HIGH FREQUENCY VHF BAND AMPLIFIER 1 2 3 KEC(Korea Electronics)

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl