Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4S713 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA4S713
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA4S713 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA4S713 Datasheet HTML 1Page - Panasonic Semiconductor MA4S713 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Schottky Barrier Diodes (SBD)
MA4S713
Silicon epitaxial planar type
For switching circuits
For wave detection circuit
I Features
• Small S-mini type 4-pin package
• Two isolated elements contained in one package, allowing high-
density mounting
• Flat lead type package, resulting in promotion of the actual mounting
ratio and solderability with a high-speed mounter
• Optimum for low-voltage rectification because of its low forward rise
voltage (VF)
• Optimum for high-frequency rectification because of its short reverse
recovery time (trr)
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
30
V
Peak forward current
VRM
30
V
Peak forward
Single
IFM
150
mA
current
Double*
110
Forward current
Single
IF
30
mA
(DC)
Double*
20
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
1 : Anode 1
2 : Anode 2
3 : Cathode 2
4 : Cathode 1
S-Mini Type Package (4-pin)
Note) * : Value per chip
Internal Connection
Marking Symbol: M1N
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 30 V
1
µA
Forward voltage (DC)
VF1
IF = 1 mA
0.4
V
VF2
IF = 30 mA
1
V
Terminal capacitance
Ct
VR = 1 V, f = 1 MHz
1.5
pF
Reverse recovery time*
trr
IF = IR = 10 mA
1
ns
Irr = 1 mA, RL = 100 Ω
Detection efficiency
η
Vin = 3 V(peak), f = 30 MHz
65
%
RL = 3.9 k
Ω, C
L = 10 pF
I Electrical Characteristics T
a = 25°C
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a
human body and the leakage of current from the operating equipment
2. Rated input/output frequency: 2 000 MHz
3. * : trr measuring instrument
2.1
± 0.1
1.25
± 0.1
1
23
4
1
2
4
3
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
I
R = 10 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 1 mA
t
r
t
p
t
rr
V
R
I
F
t
t
A


Similar Part No. - MA4S713

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA4S159 PANASONIC-MA4S159 Datasheet
47Kb / 2P
   Silicon epitaxial planar type
MA4S159 PANASONIC-MA4S159 Datasheet
57Kb / 3P
   Silicon epitaxial planar type
logo
M/A-COM Technology Solu...
MA4SPS MA-COM-MA4SPS Datasheet
241Kb / 10P
   PIN Diodes for Microwave Switch Designs
logo
Tyco Electronics
MA4SPS302 MACOM-MA4SPS302 Datasheet
407Kb / 3P
   Surface Mount Monolithic PIN Diode Chip
logo
M/A-COM Technology Solu...
MA4SPS302 MA-COM-MA4SPS302 Datasheet
107Kb / 4P
   SURMOUNTTM PIN Diode RoHS Compliant
More results

Similar Description - MA4S713

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com