Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQRLC Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQRLC
Description  Advanced Passives Foundry Service
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQRLC Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQRLC Datasheet HTML 1Page - TriQuint Semiconductor TQRLC Datasheet HTML 2Page - TriQuint Semiconductor TQRLC Datasheet HTML 3Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Released Process
TQTRx
GaAs MESFET Foundry Service
Semiconductors for Communications
www.triquint.com
TriQuint Semiconductor
2300 NE Brookwood Pkwy
Hillsboro, Oregon 97124
Phone: 503-615-9000
Fax: 503-615-8905
Email: info@triquint.com
Page 1 of 7; Rev 1.0 11/15/01
TQTRx Process Cross-Section
Production Process
TQRLC
Advanced Passives Foundry Service
Features
Thick 4 Layer Metal; > 9 µm total
thickness
High Density Interconnects:
3 Global
1 Local
High-Q Passives; Inductor Q >50
@ 2 GHz
Low Cost: Passives Only
Thin Film Resistors
Dielectric Encapsulated Metals
Planarized Surface;
simplified plastic packaging
Volume Production Process
Applications
Passive Components:
Phase Shifters
Baluns
Transformers
Couplers
Mixers (with off-chip di-
ode arrays)
Circuits Requiring High-Q
Passive Elements
Matching Circuits
RF Module Front-End Filters
General RF and Microwave Imped-
ance Matching
General Description
TriQuint’s TQRLC is a pure passives process. It is targeted at
high performance, small size passive-only circuits and utilizes
over 9 µm of gold metal. High density interconnections are ac-
complished with three thick global and one surface metal inter-
connect layers. The four metal layers are encapsulated in a high
performance, low dielectric constant material that allows wiring
flexibility and plastic packaging simplicity. Precision NiCr resis-
tors, inductors, and high value MIM capacitors are available.
The process is based on the TQTRx process, currently
TriQuint’s highest volume process.
The TQRLC process is
available on 150-mm (6 inch) wafers.
Semiconductors for Communications
www.triquint.com
TriQuint Semiconductor
2300 NE Brookwood Pkwy
Hillsboro, Oregon 97124
Phone: 503-615-9000
Fax: 503-615-8905
Email: info@triquint.com
Page 1 of 3; Rev 2.3 3/18/04
TQRLC Process Cross-Section


Similar Description - TQRLC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQTRX TRIQUINT-TQTRX Datasheet
175Kb / 6P
   Advanced Passives & MESFET Foundry Service
TQHBT3 TRIQUINT-TQHBT3 Datasheet
120Kb / 6P
   InGaP HBT Foundry Service
TQPHT TRIQUINT-TQPHT Datasheet
208Kb / 5P
   0.5 um pHEMT Foundry Service
TQP13-N TRIQUINT-TQP13-N Datasheet
181Kb / 4P
   0.13 um D pHEMT Foundry Service
TQBIHEMT TRIQUINT-TQBIHEMT Datasheet
137Kb / 3P
   Combined 0.7關m E/D pHEMT & 2關m HBT Foundry Service
logo
List of Unclassifed Man...
10G-SFPP-LR ETC1-10G-SFPP-LR Datasheet
277Kb / 4P
   Brocade-Foundry Compatible
logo
JOY-IT
KY-006 JOY-IT-KY-006 Datasheet
126Kb / 4P
   Passives Piezo-Buzzer Modul
logo
Tyco Electronics
PE3 MACOM-PE3 Datasheet
26Kb / 2P
   GaAs Foundry Services PROCESS PE3
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
   Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
logo
Baumer IVO GmbH & Co. K...
Z119023 IVO-Z119023 Datasheet
219Kb / 1P
   Accessories & Service
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com