Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB772T3S Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BTB772T3S
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB772T3S Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTB772T3S Datasheet HTML 1Page - Cystech Electonics Corp. BTB772T3S Datasheet HTML 2Page - Cystech Electonics Corp. BTB772T3S Datasheet HTML 3Page - Cystech Electonics Corp. BTB772T3S Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C817T3-H
Issued Date : 2002.08.18
Revised Date : 2005.09.16
Page No. : 3/4
BTB772T3/S
CYStek Product Specification
Characteristic Curves
Current gain vs Collector current
10
100
1000
1
10
100
1000
10000
Collector current---IC(mA)
VCE=5V
VCE=2V
VCE=1V
C-E saturation voltage vs Collector current
1
10
100
1000
10000
1
10
100
1000
10000
Collector current---IC(mA)
IC=40IB
IC=20IB
IC=10IB
B-E saturation voltage vs Collector current
100
1000
10000
1
10
100
1000
10000
Collector current---IC(mA)
IC=10IB
Power derating curves
0
2
4
6
8
10
12
0
50
100
150
200
Temperature---(℃)
Ta=25℃
Tc=25℃


Similar Part No. - BTB772T3S

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB772AJ3 CYSTEKEC-BTB772AJ3 Datasheet
304Kb / 8P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AM3 CYSTEKEC-BTB772AM3 Datasheet
188Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3-0-BL-X CYSTEKEC-BTB772AT3-0-BL-X Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3-0-UC-X CYSTEKEC-BTB772AT3-0-UC-X Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Similar Description - BTB772T3S

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com