Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ5135 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQ5135
Description  3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5135 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQ5135 Datasheet HTML 1Page - TriQuint Semiconductor TQ5135 Datasheet HTML 2Page - TriQuint Semiconductor TQ5135 Datasheet HTML 3Page - TriQuint Semiconductor TQ5135 Datasheet HTML 4Page - TriQuint Semiconductor TQ5135 Datasheet HTML 5Page - TriQuint Semiconductor TQ5135 Datasheet HTML 6Page - TriQuint Semiconductor TQ5135 Datasheet HTML 7Page - TriQuint Semiconductor TQ5135 Datasheet HTML 8Page - TriQuint Semiconductor TQ5135 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TQ5135
Data Sheet
For additional information and latest specifications, see our website:
www.triquint.com
3
Typical Electrical Characteristics – LNA only:
Parameter
Conditions
Min.
Typ/Nom
Max.
Units
RF Frequency
832
894
MHz
High Gain Mode
LNA Mode = 0 V
Conversion Gain 1,3
16
dB
Noise Figure1
1.5
dB
Input 3rd Order Intercept1,3
7.0
dBm
Supply Current
9.5
mA
Bypass Mode
LNA Mode = Vsup
Conversion Gain 1,3
-2.5
dB
Noise Figure1
2.5
dB
Input 3rd Order Intercept1,3
32
dBm
Supply Current
0.7
mA
Note 1.
Test Conditions: Vdd = +2.8V, RF = 881.5MHz, LO = 966.5MHz, I F= 85MHz, LO input = -4dBm, RF input = -35dBm, TC = 25
°C, unless otherwise specified.
2.
Min./Max. limits are at +25
°C case temperature unless otherwise specified.
3.
Conversion Gain depends on the values of the two resistors used in the GIC circuit.
Electrical Characteristics – Mixer only:
Parameter
Conditions
Min.
Typ/Nom
Max.
Units
RF Frequency
832
894
MHz
IF Frequency
85
200
MHz
Conversion Gain 1,3,4
9.0
dB
Noise Figure1,4
8.5
dB
Input 3rd Order Intercept1,3,4
10.0
dBm
Supply Current
10.0
mA
Note 1:
Test Conditions: Vdd = +2.8V, RF = 881.5MHz, LO = 966.5MHz, I F= 85MHz, LO input = -4dBm, RF input = -15dBm, TC = 25
°C, unless otherwise specified.
2.
Min./Max. limits are at +25
°C case temperature unless otherwise specified.
3.
Conversion Gain depends on the values of the two resistors used in the GIC circuit.
4.
Data includes image reject filter (Fujitsu P/N: F5CE-881M50-K206-W) insertion loss of 1.6dB


Similar Part No. - TQ5135

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5139 TRIQUINT-TQ5139 Datasheet
263Kb / 16P
   2.8V SiGe Dual-Mode CDMA Rx Receiver
More results

Similar Description - TQ5135

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
   Low Current, 3V Cellular Band CDMA/AMPS LNA IC
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ5122 TRIQUINT-TQ5122 Datasheet
84Kb / 9P
   3V Cellular TDMA/AMPS Receiver IC With Power- Down
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com