Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL8X12B-CG144M883C Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # QL8X12B-CG144M883C
Description  Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL8X12B-CG144M883C Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QL8X12B-CG144M883C Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 9Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 10Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 11Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 12Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 13Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 14Page - List of Unclassifed Manufacturers QL8X12B-CG144M883C Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
8-17
Military 5.0V pASIC 1 Family
QL12x16B
AC CHARACTERISTICS at VCC = 5V, TA = 25
°C (K = 1.00)
Logic Cell
Input Cells
Output Cell
Notes:
[6] See High Drive Buffer Table for more information.
[7] Clock buffer fanout refers to the maximum number of flip flops per half column. The number of half col-
umns used does not affect clock buffer delay.
[8] The following loads are used for tPXZ:
QL12X16B
Propagation Delays (ns)
Symbol
Parameter
Fanout
12
348
tPD
Combinatorial Delay [5]
1.7
2.2
2.6
3.2
5.2
tSU
Setup Time [5]
2.1
2.1
2.1
2.1
2.1
tH
Hold Time
0.0
0.0
0.0
0.0
0.0
tCLK
Clock to Q Delay
1.0
1.5
1.9
2.5
4.6
tCWHI
Clock High Time
2.0
2.0
2.0
2.0
2.0
tCWLO
Clock Low Time
2.0
2.0
2.0
2.0
2.0
tSET
Set Delay
1.7
2.1
2.6
3.2
5.2
tRESET
Reset Delay
1.5
1.9
2.2
2.7
4.3
tSW
Set Width
1.9
1.9
1.9
1.9
1.9
tRW
Reset Width
1.8
1.8
1.8
1.8
1.8
Symbol
Parameter
Propagation Delays (ns) [4]
12346
8
tIN
High Drive Input Delay [6]
2.4
2.5
2.6
2.7
3.0
3.3
tINI
High Drive Input, Inverting Delay [6]
2.5
2.6
2.7
2.8
3.1
3.4
tIO
Input Delay (bidirectional pad)
1.4
1.9
2.2
2.8
3.7
4.6
tGCK
Clock Buffer Delay [7]
2.7
2.8
2.8
2.9
2.9
3.0
tGCKHI
Clock Buffer Min High [7]
2.0
2.0
2.0
2.0
2.0
2.0
tGCKLO
Clock Buffer Min Low [7]
2.0
2.0
2.0
2.0
2.0
2.0
Propagation Delays (ns) [4]
Symbol
Parameter
Output Load Capacitance (pF)
30
50
75
100
150
tOUTLH
Output Delay Low to High
2.7
3.4
4.2
5.0
6.7
tOUTHL
Output Delay High to Low
2.8
3.7
4.7
5.6
7.6
tPZH
Output Delay Tri-state to High
4.0
4.9
6.1
7.3
9.7
tPZL
Output Delay Tri-state to Low
3.6
4.2
5.0
5.8
7.3
tPHZ
Output Delay High to Tri-state [8]
2.9
tPLZ
Output Delay Low to Tri-state [8]
3.3


Similar Part No. - QL8X12B-CG144M883C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8050 ETC-QL8050 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8150 ETC-QL8150 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8250 ETC-QL8250 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL82SD ETC1-QL82SD Datasheet
3Mb / 60P
   10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
More results

Similar Description - QL8X12B-CG144M883C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
   3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
logo
Silicon Supplies
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
   Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
   Very High Speed CMOS Logic
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com