Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL8X12B-CG84M883C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QL8X12B-CG84M883C
Description  Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL8X12B-CG84M883C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QL8X12B-CG84M883C Datasheet HTML 6Page - List of Unclassifed Manufacturers QL8X12B-CG84M883C Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8X12B-CG84M883C Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8X12B-CG84M883C Datasheet HTML 9Page - List of Unclassifed Manufacturers QL8X12B-CG84M883C Datasheet HTML 10Page - List of Unclassifed Manufacturers QL8X12B-CG84M883C Datasheet HTML 11Page - List of Unclassifed Manufacturers QL8X12B-CG84M883C Datasheet HTML 12Page - List of Unclassifed Manufacturers QL8X12B-CG84M883C Datasheet HTML 13Page - List of Unclassifed Manufacturers QL8X12B-CG84M883C Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
16
Preliminary
8-16
Military 5.0V pASIC 1 Family
High Drive Buffer
[4] Stated timing for worst case Propagation Delay over process variation at VCC = 5.0V and TA = 25
°C.
Multiply by the appropriate Delay Factor, K, for speed grade, voltage and temperature settings as
specified in the Operating Range.
Clock Drivers
Propagation Delays (ns) [4]
Symbol
Parameter
Wired Together
Fanout
12
24
48
72
96
14.0
4.9
tIN
High Drive Input Delay
2
3.5
5.0
3
4.0
4.8
5.6
44.1
4.8
14.2
5.1
tINI
High Drive Input,
2
3.7
5.2
Inverting Delay
3
4.2
5.0
5.8
44.3
5.0


Similar Part No. - QL8X12B-CG84M883C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8050 ETC-QL8050 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8150 ETC-QL8150 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8250 ETC-QL8250 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL82SD ETC1-QL82SD Datasheet
3Mb / 60P
   10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
More results

Similar Description - QL8X12B-CG84M883C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
   3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
logo
Silicon Supplies
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
   Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
   Very High Speed CMOS Logic
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com