Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA733A3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTA733A3
Description  General Purpose PNP Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA733A3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTA733A3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA733A3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA733A3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA733A3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA733A3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C306A3
Issued Date : 2003.07.14
Revised Date : 2005.01.03
Page No. : 2 / 5
BTA733A3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCEO
-50
-
-
V
IC=-1mA
ICBO
-
-
-0.1
µA
VCB=-60V
IEBO
-
-
-0.1
µA
VEB=-5V
*VCE(sat)
-
-
-0.3
V
IC=-100mA, IB=-10mA
VBE
-0.58
-
-0.68
V
VCE=-6V, IC=-1mA
hFE
135
-
600
-
VCE=-6V, IC=-1mA
fT
100
-
-
MHz
VCE=-6V, IC=-10mA
Cob
-
-
6
pF
VCB=-10V, f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%
Classification Of hFE
Rank
Q
P
K
Range
135~270
200~400
300~600


Similar Part No. - BTA733A3

ManufacturerPart #DatasheetDescription
logo
Bellnix Co.,Ltd.
BTA BELLNIX-BTA Datasheet
174Kb / 14P
   The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
logo
Continental Device Indi...
BTA-600 CDIL-BTA-600 Datasheet
130Kb / 2P
   Triac Series
BTA-800 CDIL-BTA-800 Datasheet
130Kb / 2P
   Triac Series
logo
STMicroelectronics
BTA-xxxBRG STMICROELECTRONICS-BTA-xxxBRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
BTA-xxxBWRG STMICROELECTRONICS-BTA-xxxBWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results

Similar Description - BTA733A3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com