Part Name
         Description
TGS2306-EPU

 High Power DC - 18GHz SPDT FET Switch ( 8 Page)


TRIQUINT
100% 
Zoom Out Zoom In
   
 4 page
background image
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
November 9, 2004
4
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice.
TGS2306-EPU
Fixtured Measurement
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
02468
10
12
14
16
18
20
Frequency (GHz)
-35degC
+25degC
+85degC



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PE4230SPDT High Power UltraCMOS™ RF Switch 1 2 3 4 5 MorePeregrine Semiconductor Corp.
SW-106High Power GaAs SPDT Switch DC - 3 GHz 1 2 3 Tyco Electronics
MASWSS0181GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz 1 2 3 Tyco Electronics
UPG2027TQNECs L-BAND 4W HIGH POWER SPDT SWITCH IC 1 2 3 4 5 MoreNEC
PE4259SPDT High Power UltraCMOS™ DC - 3.0 GHz RF Switch 1 2 3 4 5 MorePeregrine Semiconductor Corp.
SW-277High Power GaAs SPDT Switch DC - 2.5 GHz 1 2 Tyco Electronics
TGS4301-EPUHigh Power Ka-Band Absorptive SPDT Switch 1 2 3 4 5 MoreTriQuint Semiconductor
FSUSB11Low Power High Bandwidth USB Switch Dual SPDT Multiplexer/Demultiplexer 1 2 3 4 5 MoreFairchild Semiconductor
CXG1173URHigh Power SPDT Switch with Logic Control 1 2 3 4 5 Sony Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl