Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL8X12B-0CG68M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QL8X12B-0CG68M
Description  Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL8X12B-0CG68M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QL8X12B-0CG68M Datasheet HTML 1Page - List of Unclassifed Manufacturers QL8X12B-0CG68M Datasheet HTML 2Page - List of Unclassifed Manufacturers QL8X12B-0CG68M Datasheet HTML 3Page - List of Unclassifed Manufacturers QL8X12B-0CG68M Datasheet HTML 4Page - List of Unclassifed Manufacturers QL8X12B-0CG68M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL8X12B-0CG68M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL8X12B-0CG68M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8X12B-0CG68M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8X12B-0CG68M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
8-9
Military 5.0V pASIC 1 Family
Pinout Diagram 84-pin CPGA
TABLE 3: CPGA 84 Function/Connector Pin Table
PINOUT DIAGRAM 84-PIN CPGA
PIN
FUNC
PIN
FUNC
PIN
FUNC
PIN
FUNC
B10
IOB2IOK2
IO
K10
IO
B9
IO
C2
IO
K3
IO
J10
IO
A10
IO
B1
IO
L2
IO
K11
IO
A9
IO
C1
IO
L3
IO
J11
IO
B8
IO
D2
IO
K4
IO
H10
IO
A8
IO
D1
IO
L4
IO
H11
IO
A7
IO
E1
IO
L5
IO
G11
IO
C7
GND
E3
GND
J5
GND
G9
GND
A6
IO
E2
IO
L6
IO
G10
IO
B7
I/(SCLK)
F1
IO
K5
I/(SI)
F11
IO
C6
I/CLK/(SM)
F2
IO
J6
I/CLK
F10
IO
B6
I(P)
F3
IO
K6
I
F9
IO
B5
I
G1
IO
K7
I/(SO)
E11
IO
C5
VCC
G3
VCC
J7
VCC
E9
VCC
A5
IO
G2
IO
L7
IO
E10
IO
A4
IO
H1
IO
L8
IO
D11
IO
B4
IO
H2
IO
K8
IO
D10
IO
A3
IO
J1
IO
L9
IO
C11
IO
A2
IO
K1
IO
L10
IO
B11
IO
B3
IO
J2
IO
K9
IO
C10
IO
A1
IO
L1
IO
L11
IO
A11
IO


Similar Part No. - QL8X12B-0CG68M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8050 ETC-QL8050 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8150 ETC-QL8150 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8250 ETC-QL8250 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL82SD ETC1-QL82SD Datasheet
3Mb / 60P
   10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
More results

Similar Description - QL8X12B-0CG68M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
   3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
logo
Silicon Supplies
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
   Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
   Very High Speed CMOS Logic
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com